Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT162374ETPA Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT162374ETPA
Description  FAST CMOS 16-BIT REGISTER (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162374ETPA Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT162374ETPA Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
INDUSTRIALTEMPERATURERANGE
IDT74FCT162374AT/CT/ET
FAST CMOS 16-BIT REGISTER (3-STATE)
Pulse
Generator
RT
D.U.T.
V CC
VIN
CL
VOUT
50pF
500
Ω
500
Ω
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
PRESET
CLEAR
CLOCK ENABLE
ETC.
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuit for All Outputs
Enable and Disable Times
Set-up, Hold and Release Times
Pulse Width
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
SWITCH POSITION
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.


Similar Part No. - IDT74FCT162374ETPA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162374ETPA IDT-IDT74FCT162374ETPA Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374ETPAB IDT-IDT74FCT162374ETPAB Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
More results

Similar Description - IDT74FCT162374ETPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT646T IDT-IDT74FCT646T_02 Datasheet
103Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com