Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7015S25GB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7015S25GB
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7015S25GB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7015S25GB Datasheet HTML 2Page - Integrated Device Technology IDT7015S25GB Datasheet HTML 3Page - Integrated Device Technology IDT7015S25GB Datasheet HTML 4Page - Integrated Device Technology IDT7015S25GB Datasheet HTML 5Page - Integrated Device Technology IDT7015S25GB Datasheet HTML 6Page - Integrated Device Technology IDT7015S25GB Datasheet HTML 7Page - Integrated Device Technology IDT7015S25GB Datasheet HTML 8Page - Integrated Device Technology IDT7015S25GB Datasheet HTML 9Page - Integrated Device Technology IDT7015S25GB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6.42
IDT7015S/L
High-Speed 8K x 9 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
6
APRIL 04, 2006
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1) (con't.) (VCC = 5.0V ± 10%)
NOTES:
1.
'X' in part numbers indicates power rating (S or L)
2.
VCC = 5V, TA = +25°C, and are not production tested. ICCDC = 120mA(typ.)
3.
At f = fMAX
, address and I/O'S are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of GND to 3V.
4.
f = 0 means no address or control lines change.
5.
Port "A" may be either left or right port. Port "B" is the opposite of port "A".
7015X12
Com'l Only
7015X15
Com'l Only
7015X17
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
Unit
ICC
Dynamic Operating Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX(3)
COM'L
S
L
170
170
325
275
170
170
310
260
170
170
310
260
mA
MIL. &
IND.
S
L
____
____
____
____
____
____
____
____
____
____
____
____
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER = CEL = VIH
SEMR = SEML = VIH
f = fMAX(3)
COM'L
S
L
25
25
70
60
25
25
60
50
25
25
60
50
mA
MIL. &
IND.
S
L
____
____
____
____
____
____
____
____
____
____
____
____
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and
CE"B" = VIH(5), Active Port
Outputs Disabled, f=fMAX(3)
SEMR = SEML = VIH
COM'L
S
L
105
105
200
170
105
105
190
160
105
109
190
160
mA
MIL. &
IND.
S
L
____
____
____
____
____
____
____
____
____
____
____
____
ISB3
Full Standby Current (Both
Ports - All
CMOS Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR = SEML >VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL. &
IND.
S
L
____
____
____
____
____
____
____
____
____
____
____
____
ISB4
Full Standby Current
(One Port - All
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML >VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, Active Port
Outputs Disable d, f = fMAX(3)
COM'L
S
L
100
100
180
150
100
100
170
140
100
100
170
140
mA
MIL. &
IND.
S
L
____
____
____
____
____
____
____
____
____
____
____
____
2954 tbl 10
7015X20
Com'l, Ind
& Military
7015X25
Com'l &
Military
7015X35
Com'l &
Military
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
Unit
ICC
Dynamic Operating Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX(3)
COM'L
S
L
160
160
290
240
155
155
265
220
150
150
250
210
mA
MIL. &
IND.
S
L
160
160
380
310
155
155
340
280
150
150
300
250
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER = CEL = VIH
SEMR = SEML = VIH
f = fMAX(3)
COM'L
S
L
20
20
60
50
16
16
60
50
13
13
60
50
mA
MIL. &
IND.
S
L
20
20
80
65
16
16
80
65
13
13
80
65
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and
CE"B" = VIH(5), Active Port
Outputs Disabled, f=fMAX(3)
SEMR = SEML = VIH
COM'L
S
L
95
95
180
150
90
90
170
140
85
85
155
130
mA
MIL. &
IND.
S
L
95
95
240
210
90
90
215
180
85
85
190
160
ISB3
Full Standby Current (Both
Ports - All
CMOS Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR = SEML >VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL. &
IND.
S
L
1.0
0.2
30
10
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML >VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, Active Port
Outputs Disable d, f = fMAX(3)
COM'L
S
L
90
90
155
130
85
85
145
120
80
80
135
110
mA
MIL. &
IND.
S
L
90
90
230
200
85
85
200
170
80
80
175
150
2954 tbl 11


Similar Part No. - IDT7015S25GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S25GB IDT-IDT7015S25GB Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7015S25GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com