Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7208L50TPG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7208L50TPG
Description  CMOS ASYNCHRONOUS FIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7208L50TPG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7208L50TPG Datasheet HTML 1Page - Integrated Device Technology IDT7208L50TPG Datasheet HTML 2Page - Integrated Device Technology IDT7208L50TPG Datasheet HTML 3Page - Integrated Device Technology IDT7208L50TPG Datasheet HTML 4Page - Integrated Device Technology IDT7208L50TPG Datasheet HTML 5Page - Integrated Device Technology IDT7208L50TPG Datasheet HTML 6Page - Integrated Device Technology IDT7208L50TPG Datasheet HTML 7Page - Integrated Device Technology IDT7208L50TPG Datasheet HTML 8Page - Integrated Device Technology IDT7208L50TPG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9 and 65,536 x 9
APRIL 3, 2006
AC ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
1. Timings referenced as in AC Test Conditions.
2. Pulse widths less than minimum are not allowed.
3. Values guaranteed by design, not currently tested.
4. Only applies to read data flow-through mode.
Military
Commercial
Military
Commercial
IDT7203L30
IDT7203L35
IDT7203L40
IDT7203L50
IDT7204L30
IDT7204L35
IDT7204L50
IDT7205L30
IDT7205L35
IDT7205L50
IDT7206L30
IDT7206L35
IDT7206L50
IDT7207L30
IDT7207L35
IDT7207L50
IDT7208L35
Symbol
Parameters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Shift Frequency
25
22.22
20
15
MHz
tRC
Read Cycle Time
40
45
50
65
ns
tA
Access Time
30
35
40
50
ns
tRR
Read Recovery Time
10
10
10
15
ns
tRPW
Read Pulse Width(2)
30
35
40
50
ns
tRLZ
Read LOW to Data Bus LOW(3)
5—
5
5—
10
ns
tWLZ
Write HIGH to Data Bus Low-Z(3,4)
5
10
10
15
ns
tDV
Data Valid from Read HIGH
5
5
5
5
ns
tRHZ
Read HIGH to Data Bus High-Z(3)
—20
20
—25
30
ns
tWC
Write Cycle Time
40
45
50
65
ns
tWPW
Write Pulse Width(2)
30
35
40
50
ns
tWR
Write Recovery Time
10
10
10
15
ns
tDS
DataSet-upTime
18
18
20
30
ns
tDH
Data Hold Time
0
0
0
5
ns
tRSC
Reset Cycle Time
40
45
50
65
ns
tRS
Reset Pulse Width(2)
30
35
40
50
ns
tRSS
Reset Set-up Time(3)
30
35
40
50
ns
tRTR
Reset Recovery Time
10
10
10
15
ns
tRTC
Retransmit Cycle Time
40
45
50
65
ns
tRT
Retransmit Pulse Width(2)
30
35
40
50
ns
tRTS
RetransmitSet-upTime(3)
30
35
40
50
ns
tRTR
Retransmit Recovery Time
10
10
10
15
ns
tEFL
Reset to
EF LOW
—40
45
—50
65
ns
tHFH, tFFH
Reset to
HF and FF HIGH
40
45
50
65
ns
tRTF
Retransmit LOW to Flags Valid
40
45
50
65
ns
tREF
Read LOW to
EF LOW
—30
30
—35
45
ns
tRFF
Read HIGH to
FF HIGH
30
30
35
45
ns
tRPE
Read Pulse Width after
EF HIGH
30
35
40
50
ns
tWEF
Write HIGH to
EF HIGH
30
30
35
45
ns
tWFF
Write LOW to
FF LOW
—30
30
—35
45
ns
tWHF
Write LOW to
HF Flag LOW
40
45
50
65
ns
tRHF
Read HIGH to
HF Flag HIGH
40
45
50
65
ns
tWPF
Write Pulse Width after
FF HIGH
30
35
40
50
ns
tXOL
Read/Write LOW to
XO LOW
—30
35
—40
50
ns
tXOH
Read/Write HIGH to
XO HIGH
30
35
40
50
ns
tXI
XI Pulse Width(2)
30
35
40
50
ns
tXIR
XI Recovery Time
10
10
10
10
ns
tXIS
XISet-up Time
10
15
15
15
ns


Similar Part No. - IDT7208L50TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7208L20J IDT-IDT7208L20J Datasheet
147Kb / 12P
   CMOS ASYNCHRONOUS FIFO 65,536 x 9
IDT7208L20P IDT-IDT7208L20P Datasheet
147Kb / 12P
   CMOS ASYNCHRONOUS FIFO 65,536 x 9
IDT7208L25J IDT-IDT7208L25J Datasheet
147Kb / 12P
   CMOS ASYNCHRONOUS FIFO 65,536 x 9
IDT7208L25P IDT-IDT7208L25P Datasheet
147Kb / 12P
   CMOS ASYNCHRONOUS FIFO 65,536 x 9
IDT7208L35J IDT-IDT7208L35J Datasheet
147Kb / 12P
   CMOS ASYNCHRONOUS FIFO 65,536 x 9
More results

Similar Description - IDT7208L50TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com