Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM402M814VTB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EM402M814VTB
Description  16Mb ( 2Banks ) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM402M814VTB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EM402M814VTB Datasheet HTML 1Page - List of Unclassifed Manufacturers EM402M814VTB Datasheet HTML 2Page - List of Unclassifed Manufacturers EM402M814VTB Datasheet HTML 3Page - List of Unclassifed Manufacturers EM402M814VTB Datasheet HTML 4Page - List of Unclassifed Manufacturers EM402M814VTB Datasheet HTML 5Page - List of Unclassifed Manufacturers EM402M814VTB Datasheet HTML 6Page - List of Unclassifed Manufacturers EM402M814VTB Datasheet HTML 7Page - List of Unclassifed Manufacturers EM402M814VTB Datasheet HTML 8Page - List of Unclassifed Manufacturers EM402M814VTB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev.01
16Mb SDRAM
2/18
Feature
Fully synchronous to positive clock edge
Single 3.3V +/- 0.3V power supply
• LVTTL compatible with multiplexed address
• Programmable Burst Length (B/ L) - 1,2,4,8 or full page
• Programmable CAS Latency (C/ L) - 2 or 3
• Data Mask (DQM) for Read / Write masking
• Programmable wrap sequence - Sequential ( B/ L = 1/2/4/8/full page )
- Interleave ( B/ L = 1/2/4/8 )
• Burst read with single-bit write operation
• All inputs are sampled at the rising edge of the system clock.
• Auto refresh and self refresh
• 2,048 refresh cycles / 32ms
Description
The EM481M1622VTA is Synchronous Dynamic Random Access Memory (SDRAM) organized as
512K x 2 banks x 16 bits. All inputs and outputs are synchronized with the positive edge of the clock.
The 16Mb SDRAM uses synchronized pipelined architecture to achieve high speed data transfer rates
and is designed to operate at 3.3V low power memory system. It also provides auto refresh with power
saving / down mode. All inputs and outputs voltage levels are compatible with LVTTL .
* EOREX reserves the right to change products or specification without notice.
16Mb ( 2Banks ) Synchronous DRAM
EM481M1622VTA (1Mx16)


Similar Part No. - EM402M814VTB

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
EM402 LEADSHINE-EM402 Datasheet
738Kb / 6P
   20-40V, 0.07-2A, Sensorless Stall Detection, Pre-Matching Motor
logo
Soberton Inc.
EM4020-BC SOBERTON-EM4020-BC Datasheet
389Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
logo
EM Microelectronic - MA...
EM4022 EMMICRO-EM4022 Datasheet
278Kb / 15P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
EM4022V10WS11 EMMICRO-EM4022V10WS11 Datasheet
278Kb / 15P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
EM4022V11WS11 EMMICRO-EM4022V11WS11 Datasheet
278Kb / 15P
   Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols
More results

Similar Description - EM402M814VTB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM481M1622VTC EOREX-EM481M1622VTC Datasheet
699Kb / 18P
   16Mb (512K횞2Bank횞16) Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A_1 Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com