Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7016L20JGB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7016L20JGB
Description  HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7016L20JGB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7016L20JGB Datasheet HTML 1Page - Integrated Device Technology IDT7016L20JGB Datasheet HTML 2Page - Integrated Device Technology IDT7016L20JGB Datasheet HTML 3Page - Integrated Device Technology IDT7016L20JGB Datasheet HTML 4Page - Integrated Device Technology IDT7016L20JGB Datasheet HTML 5Page - Integrated Device Technology IDT7016L20JGB Datasheet HTML 6Page - Integrated Device Technology IDT7016L20JGB Datasheet HTML 7Page - Integrated Device Technology IDT7016L20JGB Datasheet HTML 8Page - Integrated Device Technology IDT7016L20JGB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
6.42
IDT7016S/L
High-Speed 16K x 9 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
5
APRIL 04, 2006
DC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range (VCC = 5.0V ± 10%)
NOTE:
1.
At Vcc < 2.0V, Input leakages are undefined.
Capacitance(1)
(TA = +25°C, f = 1.0mhz, for TQFP ONLY)
NOTES:
1. This parameter is determined by device characteristics but is not production
tested.
2. 3dV references the interpolated capacitance when the input and output signals
switch from 0V to 3V or from 3V to 0V .
Output Loads and AC Test
Conditions
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
*Including scope and jig.
3190 drw 06
893
30pF
347
5V
DATAOUT
BUSY
INT
893
5pF*
347
5V
DATAOUT
,
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
3190 tbl 07
Symbol
Parameter
Test Conditions
7016S
7016L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
3190 tbl 08
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns Max.
1.5V
1.5V
Figures 1 and 2
3190 tbl 09


Similar Part No. - IDT7016L20JGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016L20J IDT-IDT7016L20J Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
IDT7016L20JB IDT-IDT7016L20JB Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7016L20JGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com