Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7015S12JB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7015S12JB
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7015S12JB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7015S12JB Datasheet HTML 1Page - Integrated Device Technology IDT7015S12JB Datasheet HTML 2Page - Integrated Device Technology IDT7015S12JB Datasheet HTML 3Page - Integrated Device Technology IDT7015S12JB Datasheet HTML 4Page - Integrated Device Technology IDT7015S12JB Datasheet HTML 5Page - Integrated Device Technology IDT7015S12JB Datasheet HTML 6Page - Integrated Device Technology IDT7015S12JB Datasheet HTML 7Page - Integrated Device Technology IDT7015S12JB Datasheet HTML 8Page - Integrated Device Technology IDT7015S12JB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
6.42
IDT7015S/L
High-Speed 8K x 9 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
5
APRIL 04, 2006
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 5.0V ± 10%)
Capacitance(1)
(TA = +25°C, f = 1.0mhz, for TQFP Package)
NOTE:
1.
At Vcc < 2.0V, Input leakages are undefined.
NOTES:
1. This parameter is determined by device characteristics but is not
production tested.
2. 3dV references the interpolated capacitance when the input and
output signals switch from 0V to 3V or from 3V to 0V .
Output Loads and
AC Test Conditions
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(For tLZ, tHZ, tWZ, tOW)
*Including scope and jig.
2954 drw 06
893
30pF
347
5V
DATAOUT
BUSY
INT
893
5pF
347
5V
DATAOUT
*
2954 drw 05
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
2954 tbl 07
Symbol
Parameter
Test Conditions
7015S
7015L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µ A
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
___
10
___
5µ A
VOL
Output Low Voltage
IOL = +4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2954 tbl 08
Input Pulse Levels
Input Rise/Fall Times
(1)
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns Max.
1.5V
1.5V
Figures 1 and 2
2954 tbl 09


Similar Part No. - IDT7015S12JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S12JB IDT-IDT7015S12JB Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7015S12JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com