Selected language     English  ▼


SN74F193A Datasheet(PDF) 3 Page - Texas Instruments

Part No. SN74F193A
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER WITH DUAL CLOCK AND CLEAR
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 3 page
background image
SN74F193A
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
WITH DUAL CLOCK AND CLEAR
SDFS031A – D3693, JANUARY 1991 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
15
4
5
CO
A
1
10
9
B
C
D
UP
DOWN
QA
QB
QC
QD
12
13
3
2
6
7
1D
R
CLR
LOAD
S
R
S
R
R
R
1D
1D
1D
C1
C1
C1
C1
S
S
S
BO
14
11




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54HC1934-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR 1 2 3 4 5 MoreTexas Instruments
74F191_07Up/Down Binary Counter with Preset and Ripple Clock 1 2 3 4 5 MoreFairchild Semiconductor
54F191Up/Down Binary Counter with Preset and Ripple Clock 1 2 3 4 5 MoreNational Semiconductor (TI)
MM74HC161_03Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear 1 2 3 4 5 MoreFairchild Semiconductor
SN54HCT74DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET 1 2 3 4 5 MoreTexas Instruments
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology
SN54AHC74_06DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET 1 2 3 4 5 MoreTexas Instruments
MAX9471Multiple-Output Clock Generators with Dual PLLs and OTP 1 2 3 4 5 MoreMaxim Integrated Products
SN74LS669SYNCHRONOUS 4-BIT UP/DOWN COUNTER 1 2 3 4 ON Semiconductor
CD54AC112_06DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl