Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C187L-20CMB Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C187L-20CMB
Description  ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C187L-20CMB Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C187L-20CMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C187L-20CMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C187L-20CMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C187L-20CMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C187L-20CMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C187L-20CMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C187L-20CMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C187L-20CMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C187L-20CMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
P4C187/187L
Page 5 of 12
Document # SRAM111 REV B
Notes:
9. CE and WE must be LOW for WRITE cycle.
10. If CE goes HIGH simultaneously with WE HIGH, the output remains
in a high impedance state.
11. Write Cycle Time is measured from the last valid address to the first
transition address.
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(9)
AC CHARACTERISTICS - WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
tWC
Write Cycle Time
10
12
15
20
25
35
45
55
70
85
tCW
Chip Enable Time to
End of Write
8
10
12152025303540
45
tAW
Address Valid to End
of Write
8
10
12152025303540
45
tAS
Address Set-up Time
00000
00000
tWP
Write Pulse Width
8
10
12
15
20
25
30
35
40
45
tAH
Address Hold Time
from End of Write
00000
00000
tDW
Data Valid to End of
Write
6
7
10
13
15
20
25
30
35
40
tDH
Data Hold Time00000
00000
tWZ
Write Enable to
Output in High Z
6
7
8
12
15
17
20
25
30
35
tOW
Output Active from
End of Write
00000
00000
-15-20
-25-35
-45-55
-70-85
Parameter
Symbol
-10
-12


Similar Part No. - P4C187L-20CMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187L-25DC ETC-P4C187L-25DC Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187L-25DM ETC-P4C187L-25DM Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187L-25DMB ETC-P4C187L-25DMB Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187L-25JC ETC-P4C187L-25JC Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187L-25JM ETC-P4C187L-25JM Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results

Similar Description - P4C187L-20CMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com