Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C169-35CM Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C169-35CM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C169-35CM Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C169-35CM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C169-35CM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C169-35CM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C169-35CM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C169-35CM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C169-35CM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C169-35CM Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C169-35CM Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C169-35CM Datasheet HTML 12Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
P4C168, P4C169, P4C170
Page 8 of 15
Document # SRAM107 REV A
ORDERING INFORMATION
SELECTION GUIDE
The P4C168, P4C169 and P4C170 are available in the following temperature, speed and package options.
† P4C168 and P4C169 only.
†† P4C168
* Military temperature range with MIL-STD-883, Class B processing.
N/A = Not available
12
15
20
25
35
Plastic DIP
-12PC
-15PC
-20PC
-25PC
N/A
Plastic SOIC†
-12SC
-15SC
-20SC
-25SC
N/A
Plastic SOJ††
-12JC
-15JC
-20JC
-25JC
N/A
LCC
N/A
-15LM
-20LM
-25LM
-35LM
CERDIP
N/A
-15DM
-20DM
-25DM
-35DM
Side Brazed DIP
N/A
-15CM
-20CM
-25CM
-35CM
CERPACK
N/A
-15FM
-20FM
-25FM
-35FM
Solder Seal Flat Pack
N/A
-15FSM
-20FSM
-25FSM
-35FSM
LCC
N/A
-15LMB
-20LMB
-25LMB
-35LMB
CERDIP
N/A
-15DMB
-20DMB
-25DMB
-35DMB
Side Brazed DIP
N/A
-15CMB
-20CMB
-25CMB
-35CMB
CERPACK
N/A
-15FMB
-20FMB
-25FMB
-35FMB
Solder Seal Flat Pack
N/A
-15FSMB
-20FSMB
-25FSMB
-35FSMB
Military
Processed*
(P4C168 only)
Speed
Temperature
Range
Package
Commercial
Temperature
Military
Temperature
(P4C168 only)


Similar Part No. - P4C169-35CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C169 ETC1-P4C169 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16912DC ETC1-P4C16912DC Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16912DM ETC1-P4C16912DM Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16912DMB ETC1-P4C16912DMB Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16912JC ETC1-P4C16912JC Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C169-35CM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com