Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T36135ML5BBG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72T36135ML5BBG
Description  2.5V 18M-BIT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS 524,288 x 36
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T36135ML5BBG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72T36135ML5BBG Datasheet HTML 6Page - Integrated Device Technology IDT72T36135ML5BBG Datasheet HTML 7Page - Integrated Device Technology IDT72T36135ML5BBG Datasheet HTML 8Page - Integrated Device Technology IDT72T36135ML5BBG Datasheet HTML 9Page - Integrated Device Technology IDT72T36135ML5BBG Datasheet HTML 10Page - Integrated Device Technology IDT72T36135ML5BBG Datasheet HTML 11Page - Integrated Device Technology IDT72T36135ML5BBG Datasheet HTML 12Page - Integrated Device Technology IDT72T36135ML5BBG Datasheet HTML 13Page - Integrated Device Technology IDT72T36135ML5BBG Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T36135M 2.5V 18M-BIT TeraSync
 36-BIT FIFO
524,288 x 36
10
MAY 29, 2006
AC ELECTRICAL CHARACTERISTICS(1)— SYNCHRONOUS TIMING
(Commercial: VCC = 2.5V
± 5%, TA = 0°C to +70°C;Industrial: VCC = 2.5V ± 5%, TA = -40°C to +85°C)
NOTES:
1. All AC timings apply to both Standard IDT mode and First Word Fall Through mode.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
4. Industrial temperature range product for 6ns speed grade is available as a standard device. All other speed grades are available by special order.
Commercial
Com’l & Ind’l
IDT72T36135ML5
IDT72T36135ML6
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fC
Clock Cycle Frequency (Synchronous)
200
166
MHz
tA
Data Access Time
0.6
3.6
0.6
3.8
ns
tCLK
Clock Cycle Time
5
6
ns
tCLKH
Clock High Time
2.5
3.0
ns
tCLKL
Clock Low Time
2.5
3.0
ns
tDS
Data Setup Time
1.5
2.0
ns
tDH
Data Hold Time
0.5
0.5
ns
tENS
Enable Setup Time
1.5
2.0
ns
tENH
Enable Hold Time
0.5
0.5
ns
tLDS
Load Setup Time
1.5
2.0
ns
tLDH
Load Hold Time
0.5
0.5
ns
tWCSS
WCS setup time
1.5
2.0
ns
tWCSH
WCS hold time
0.5
0.5
ns
fS
Clock Cycle Frequency (SCLK)
10
10
MHz
tSCLK
Serial Clock Cycle
100
100
ns
tSCKH
Serial Clock High
45
45
ns
tSCKL
Serial Clock Low
45
45
ns
tSDS
Serial Data In Setup
15
15
ns
tSDH
Serial Data In Hold
5
5
ns
tSENS
Serial Enable Setup
5
5
ns
tSENH
Serial Enable Hold
5
5
ns
tRS
Reset Pulse Width(3)
10
10
ns
tRSS
Reset Setup Time
15
15
ns
tHRSS
HSTL Reset Setup Time
4
4
µs
tRSR
Reset Recovery Time
10
10
ns
tRSF
Reset to Flag and Output Time
15
15
ns
tWFF
Write Clock to
FF[1:2] or IR[1:2]
3.6
3.7
ns
tREF
Read Clock to
EF[1:2] or OR[1:2]
3.6
3.7
ns
tPAFS
Write Clock to Synchronous
PAF[1:2]
3.6
3.7
ns
tPAES
Read Clock to Synchronous
PAE[1:2]
3.6
3.7
ns
tRCSLZ
RCLK to Active from High-Z(3)
3.6
3.7
ns
tRCSHZ
RCLK to High-Z(3)
3.6
3.7
ns
tSKEW1
Skew time between RCLK and WCLK for
EF[1:2] and FF[1:2]
—4
5
ns
tSKEW2
Skew time between RCLK and WCLK for
PAE[1:2] and PAF[1:2]
—5
6
ns


Similar Part No. - IDT72T36135ML5BBG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T36135M IDT-IDT72T36135M Datasheet
506Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync
logo
Renesas Technology Corp
IDT72T36135M RENESAS-IDT72T36135M Datasheet
739Kb / 49P
   2.5V 18M-BIT HIGH-SPEED TeraSyncTM
MAY 2016
logo
Integrated Device Techn...
IDT72T36135M IDT-IDT72T36135M_16 Datasheet
506Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync
More results

Similar Description - IDT72T36135ML5BBG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T36135M IDT-IDT72T36135M_16 Datasheet
506Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T3645 RENESAS-IDT72T3645 Datasheet
564Kb / 58P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
FEBRUARY 2009
IDT72T36105 RENESAS-IDT72T36105 Datasheet
475Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
JUNE 2017
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645 Datasheet
556Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com