Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC64475 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # RC64475
Description  RISControllerTM Embedded 64-bit Microprocessor, based on
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

RC64475 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button RC64475 Datasheet HTML 7Page - Integrated Device Technology RC64475 Datasheet HTML 8Page - Integrated Device Technology RC64475 Datasheet HTML 9Page - Integrated Device Technology RC64475 Datasheet HTML 10Page - Integrated Device Technology RC64475 Datasheet HTML 11Page - Integrated Device Technology RC64475 Datasheet HTML 12Page - Integrated Device Technology RC64475 Datasheet HTML 13Page - Integrated Device Technology RC64475 Datasheet HTML 14Page - Integrated Device Technology RC64475 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11 of 25
April 10, 2001
RC64474™ RC64475™
RC64474 128-pin QFP Package Pin-out
34
SysCmd3
86
Vcc
138
SysAD25
190
SysADC5
35
VSS
87
SysAD17
139
SysAD57
191
SysADC1
36
Vcc
88
SysAD49
140
N.C.
192
Vcc
37
SysAD38
89
Int0*
141
VSS
193
VSS
38
SysAD6
90
SysAD18
142
N.C
194
SysAD47
39
ModeClock
91
VSS
143
SysAD26
195
SysAD15
40
WrRdy*
92
Vcc
144
SysAD58
196
SysAD46
41
SysAD37
93
SysAD50
145
N.C.
197
Vcc
42
SysAD5
94
ValidIn*
146
Vcc
198
VSS
43
VSS
95
SysAD19
147
VSS
199
SysAD14
44
Vcc
96
SysAD51
148
SysAD27
200
SysAD45
45
N.C.
97
VSS
149
N.C.
201
SysAD13
46
N.C.
98
Vcc
150
JR_
Vcc
202
SysAD44
47
N.C.
99
ValidOut*
151
N.C.
203
VSS
48
N.C.
100
SysAD20
152
N.C.
204
Vcc
49
N.C.
101
N.C.
153
N.C.
205
SysAD12
50
N.C.
102
N.C.
154
N.C.
206
SysCmdP
51
N.C.
103
N.C.
155
N.C.
207
SysAD43
52
N.C.
104
N.C.
156
N.C.
208
N.C.
Pin
Function
Pin
Function
Pin
Function
Pin
Function
1
JTAG32*
33
Vcc
65
Vcc
97
Vcc
2
SysCmd2
34
Vss
66
SysAD28
98
Vss
3
Vcc
35
SysAD13
67
ColdReset*
99
SysAD19
4
Vss
36
SysAD14
68
SysAD27
100
ValidIn*
5
SysAD5
37
Vss
69
Vss
101
Vcc
6
WrRdy*
38
Vcc
70
Vcc
102
Vss
7
ModeClock
39
SysAD15
71
JR_Vcc
103
SysAD18
8
SysAD6
40
Vss
72
SysAD26
104
Int0*
9
Vcc
41
Vcc
73
N.C.
105
SysAD17
10
Vss
42
SysADC1
74
Vss
106
Vcc
11
SysCmd3
43
Vss
75
N.C.
107
Vss
12
SysAd7
44
Vcc
76
SysAD25
108
Int1*
13
SysCmd4
45
MasterClock
77
Vss
109
SysAD16
Table 7 RC64474 128-pin QFP Package Pin-out (Page 1 of 2)
Pin
Function
Pin
Function
Pin
Function
Pin
Function
Table 6 RC64475 208-pin QFP Package Pin-Out (Page 2 of 2)


Similar Part No. - RC64475

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC64475 RENESAS-RC64475 Datasheet
976Kb / 26P
   RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000TM
April 10, 2001
More results

Similar Description - RC64475

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC64474 RENESAS-RC64474 Datasheet
976Kb / 26P
   RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000TM
April 10, 2001
79RC32364 RENESAS-79RC32364 Datasheet
526Kb / 22P
   RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
STMicroelectronics
STLS2E02 STMICROELECTRONICS-STLS2E02 Datasheet
113Kb / 5P
   Loongson 2E: 700MHz 64-bit superscalar MIPS짰 based microprocessor
logo
ATMEL Corporation
SAM9G25 ATMEL-SAM9G25_14 Datasheet
3Mb / 1167P
   Atmel | SMART ARM-based Embedded Microprocessor
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com