Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1352G Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1352G
Description  4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1352G Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1352G_06 Datasheet HTML 4Page - Cypress Semiconductor CY7C1352G_06 Datasheet HTML 5Page - Cypress Semiconductor CY7C1352G_06 Datasheet HTML 6Page - Cypress Semiconductor CY7C1352G_06 Datasheet HTML 7Page - Cypress Semiconductor CY7C1352G_06 Datasheet HTML 8Page - Cypress Semiconductor CY7C1352G_06 Datasheet HTML 9Page - Cypress Semiconductor CY7C1352G_06 Datasheet HTML 10Page - Cypress Semiconductor CY7C1352G_06 Datasheet HTML 11Page - Cypress Semiconductor CY7C1352G_06 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY7C1352G
Document #: 38-05514 Rev. *D
Page 9 of 12
Switching Waveforms
Read/Write Timing[18, 19, 20]
Notes:
18. For this waveform ZZ is tied low.
19. When CE is LOW: CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH: CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
20. Order of the Burst sequence is determined by the status of the MODE (0= Linear, 1= Interleaved). Burst operations are optional.
WRITE
D(A1)
123
456789
CLK
t CYC
tCL
tCH
10
CE
tCEH
tCES
WE
CEN
tCENH
tCENS
BW[A:B]
ADV/LD
tAH
tAS
ADDRESS
A1
A2
A3
A4
A5
A6
A7
tDH
tDS
Data
In-Out (DQ)
tCLZ
D(A1)
D(A2)
D(A5)
Q(A4)
Q(A3)
D(A2+1)
tDOH
tCHZ
tCO
WRITE
D(A2)
BURST
WRITE
D(A2+1)
READ
Q(A3)
READ
Q(A4)
BURST
READ
Q(A4+1)
WRITE
D(A5)
READ
Q(A6)
WRITE
D(A7)
DESELECT
OE
tOEV
tOELZ
tOEHZ
tDOH
DON’T CARE
UNDEFINED
Q(A6)
Q(A4+1)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1352G_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352G-133AXC CYPRESS-CY7C1352G-133AXC Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352G-133AXC CYPRESS-CY7C1352G-133AXC Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1352G-133AXC CYPRESS-CY7C1352G-133AXC Datasheet
555Kb / 21P
   4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1352G-133AXI CYPRESS-CY7C1352G-133AXI Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352G-166AXC CYPRESS-CY7C1352G-166AXC Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1352G_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1378C CYPRESS-CY7C1378C Datasheet
310Kb / 13P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1352G CYPRESS-CY7C1352G_13 Datasheet
555Kb / 21P
   4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com