Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT79RC64T575-200DZ Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT79RC64T575-200DZ
Description  Advanced 64-bit Microprocessors Product Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RC64T575-200DZ Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT79RC64T575-200DZ Datasheet HTML 2Page - Integrated Device Technology IDT79RC64T575-200DZ Datasheet HTML 3Page - Integrated Device Technology IDT79RC64T575-200DZ Datasheet HTML 4Page - Integrated Device Technology IDT79RC64T575-200DZ Datasheet HTML 5Page - Integrated Device Technology IDT79RC64T575-200DZ Datasheet HTML 6Page - Integrated Device Technology IDT79RC64T575-200DZ Datasheet HTML 7Page - Integrated Device Technology IDT79RC64T575-200DZ Datasheet HTML 8Page - Integrated Device Technology IDT79RC64T575-200DZ Datasheet HTML 9Page - Integrated Device Technology IDT79RC64T575-200DZ Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6 of 28
December 14, 2001
79RC64574™ 79RC64575™
September 9, 1999: Made several changes in JTAG Interface
section of Table 5. Added information on Pin 63 in Table 5.
October 14, 1999: Revised data in the Power Consumption tables
for RC64574 and RC64575.
November 16, 1999: Added Power Curve graphs, revised data in
System Interface Parameters table, added System Clock Jitter row to
Clock Parameter table.
December 20, 1999: Table 7 “RC64574 128-Pin Package” on page
12, Changed pin #75 function from Vcc to N.C.
March 7, 2000: In Table 1, added “with DSP extensions” in the CPU
row under RC64574 and RC64575 columns and changed “by set” to “by
line” in the Caches row for RC64574 and RC64575 columns. Added
rows in the Data Output and Data Output Hold rows in the System Inter-
face Parameters table. Removed references to 300 MHz, and changed
bandwidth speed to 2GB/second in Cache Memory section. Revised
Power Curves.
March 28, 2000: Replaced existing figure in Mode Configuration
Interface Reset Sequence section with 3 reset figures. Revised values
for 250MHz in System Interface Parameters table. Changed Data Sheet
from Preliminary to final.
April 3, 2000: Deleted signal tDZ from Figure 6.
April 25, 2001: In the Absolute Maximum Ratings table, changed
upper voltage limit from 3.8 to 4.0V and removed “Vin should not exceed
Vcc +0.5 volts” from footnote #1. In DC Electrical Characteristics table,
changed maximum value for Vih from 3.3 to 3.8V for all speeds.
May 1, 2001: In the Data Output Hold category of the System Inter-
face Parameters table, changed values in the Min column for all speeds
from 1.0 to 0. In the Electrical Characteristics table, values were added
to the System Clock Jitter row. Added Industrial temperature range of
-40
° C to +85° C.
December 14, 2001: In Absolute Maximum Ratings Table, changed
the Industrial low-end temperature for symbol Tc to read -40 degrees
instead of 0 degrees.


Similar Part No. - IDT79RC64T575-200DZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79RC64T575 RENESAS-IDT79RC64T575 Datasheet
767Kb / 29P
   Advanced 64-bit Microprocessors Product Family
December 14, 2001
More results

Similar Description - IDT79RC64T575-200DZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC64574 RENESAS-79RC64574 Datasheet
767Kb / 29P
   Advanced 64-bit Microprocessors Product Family
December 14, 2001
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
logo
PMC-Sierra, Inc
RM7935 PMC-RM7935 Datasheet
668Kb / 2P
   64-bit Microprocessors with Integrated L2 Cache and EJTAG
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
   8 BIT HMOS MICROPROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com