Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1351G-100BGXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1351G-100BGXC
Description  4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1351G-100BGXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1351G-100BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1351G-100BGXC Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CY7C1351G
Document #: 38-05513 Rev. *D
Page 11 of 14
NOP, STALL and DESELECT Cycles[19, 20, 22]
ZZ Mode Timing[23,24]
Notes:
22. The IGNORE CLOCK EDGE or STALL cycle (Clock 3) illustrates CEN being used to create a pause. A write is not performed during this cycle.
23. Device must be deselected when entering ZZ mode. See truth table for all possible signal conditions to deselect the device.
24. DQs are in high-Z when exiting ZZ sleep mode.
Switching Waveforms (continued)
READ
Q(A3)
456
789
10
A3
A4
A5
D(A4)
123
CLK
CE
WE
CEN
BW[A:D]
ADV/LD
ADDRESS
DQ
COMMAND
WRITE
D(A4)
STALL
WRITE
D(A1)
READ
Q(A2)
STALL
NOP
READ
Q(A5)
DESELECT
CONTINUE
DESELECT
DON’T CARE
UNDEFINED
tCHZ
A1
A2
Q(A2)
D(A1)
Q(A3)
tDOH
Q(A5)
t
ZZ
I
SUPPLY
CLK
ZZ
t
ZZREC
ALL INPUTS
(except ZZ)
DON’T CARE
I
DDZZ
t
ZZI
t
RZZI
Outputs (Q)
High-Z
DESELECT or READ Only
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1351G-100BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351G-100AXC CYPRESS-CY7C1351G-100AXC Datasheet
550Kb / 20P
   4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1351G-100AXC CYPRESS-CY7C1351G-100AXC Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1351G-100BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1231F CYPRESS-CY7C1231F_05 Datasheet
209Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1231H CYPRESS-CY7C1231H Datasheet
534Kb / 12P
   2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1231F CYPRESS-CY7C1231F Datasheet
309Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_13 Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_13 Datasheet
698Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_13 Datasheet
691Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com