Selected language     English  â–¼


W005 Datasheet(PDF) 1 Page - Electronic devices inc.

Part No. W005
Description  EDI Single-1 to 12 Amperes Commercial Grade Bridges
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EDI [Electronic devices inc.]
Homepage  http://www.edidiodes.com
Logo 

   
 1 page
background image
W
PRV/Leg
50V
100V
200V
400V
600V
800V
1000V
1W SERIES 1 Amp
1W005
1W1
1W2
1W4
1W6
1W8
1W10
W SERIES 1.5 Amp
W005
W1
W2
W4
W6
W8
W10
2W SERIES 2 Amp
2W005
2W1
2W2
2W4
2W6
2W8
2W10
1W
W
2W
Series
Series
Series
Average Output Current, IO @ 50º
1
1.5
2
Amp
10
10
10
µA
30
50
5030
Amp
RB15
RB15
WOB
•
21 GRAYOAKS AVENUE YONKERS, NEW YORK, 10710
•
914-965-4400
1-800-678-0828
•
FAX:
914-965-5531
•
e-mail: sales@EDIdiodes.com web site: www.EDIdiodes.com
EDI Single-1 to 12 Amperes Commercial Grade Bridges
ELECTRONIC DEVICES, INC. DESIGNER AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
EDI reserves the right to change these specifications at any time without notice.
DIAGRAMS
Electrical Characteristics
at TA = 25º C Unless Otherwise Specified
Max. DC Reverse Current @ PRV IR
Max Peak Surge Current, IFSM (8.3ms)
Package Style
UNIT




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABM53CACOMMERCIAL GRADE CERAMIC SMD CRYSTAL 1 2 Abracon Corporation
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
ABM53CCOMMERCIAL GRADE CERAMIC SMD CRYSTAL 1 2 Abracon Corporation
MJL3281A_0515 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS 1 2 3 4 5 ON Semiconductor
MURF1660CT_06ULTRAFAST RECTIFIER 16 AMPERES 600 VOLTS 1 2 3 4 ON Semiconductor
DP83848MPHYTER® Mini / PHYTER® Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran 1 2 3 4 5 MoreNational Semiconductor (TI)
ASFLTTIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR 1 2 Abracon Corporation
HWZT-MSINDUSTRIAL GRADE CERAMIC RESONATOR 1 2 Abracon Corporation
MAC224Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors 1 2 3 4 Motorola, Inc
MJL4281A_0615 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS 230 WATTS 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl