Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM401M1624VTB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EM401M1624VTB
Description  16Mb ( 2Banks ) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM401M1624VTB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EM401M1624VTB Datasheet HTML 1Page - List of Unclassifed Manufacturers EM401M1624VTB Datasheet HTML 2Page - List of Unclassifed Manufacturers EM401M1624VTB Datasheet HTML 3Page - List of Unclassifed Manufacturers EM401M1624VTB Datasheet HTML 4Page - List of Unclassifed Manufacturers EM401M1624VTB Datasheet HTML 5Page - List of Unclassifed Manufacturers EM401M1624VTB Datasheet HTML 6Page - List of Unclassifed Manufacturers EM401M1624VTB Datasheet HTML 7Page - List of Unclassifed Manufacturers EM401M1624VTB Datasheet HTML 8Page - List of Unclassifed Manufacturers EM401M1624VTB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Rev.01
16Mb SDRAM
4/18
Pin
Name
Pin Function
CLK
System Clock
Master Clock Input(Active on the Positive rising edge)
/CS
Chip select
Selects chip when active
CKE
Clock Enable
Activates the CLK when “H” and deactivates when “L”.
CKE should be enabled at least one cycle prior to new
command. Disable input buffers for power down in standby.
A0 ~ A10
Address
Row address (A0 to A10) is determined by A0 to A10 level
at the bank active command cycle CLK rising edge.
CA(CA0 to CA7) is determined by A0 to A7 level at the
read or write command cycle CLK rising edge.
And this column address becomes burst access start
address. A10 defines the pre-charge mode. When A10 = High
at the pre-charge command cycle, all banks are pre-charged.
But when A10 = Low at the pre-charge command cycle,
only the bank that is selected by BA is pre-charged.
/RAS
Row address strobe
Latches Row Addresses on the positive rising edge of the
CLK with /RAS “L”. Enables row access & pre-charge.
/CAS
Column address strobe
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
/WE
Write Enable
Latches Column Addresses on the positive rising edge of the
CLK with /CAS low. Enables column access.
UDQM /LDQM
Data input/output Mask
DQM controls I/O buffers.
DQ0 ~ 15
Data input/output
DQ pins have the same function as I/O pins on a conventional
DRAM.
VDD/VSS
Power supply/Ground
VDD and VSS are power supply pins for internal circuits.
Pin Descriptions ( Simplified )
BA
Bank Address
Selects which bank is to be active.
NC
No connection
This pin is recommended to be left No Connection on the
device.
VDDQ/VSSQ
Power supply/Ground
VDDQ and VSSQ are power supply pins for the output buffers.


Similar Part No. - EM401M1624VTB

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
EM4015-BC SOBERTON-EM4015-BC Datasheet
595Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
EM4015LW-38C10NF SOBERTON-EM4015LW-38C10NF Datasheet
439Kb / 6P
   Omni Directional Back Electret Condenser Microphone
More results

Similar Description - EM401M1624VTB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM481M1622VTC EOREX-EM481M1622VTC Datasheet
699Kb / 18P
   16Mb (512K횞2Bank횞16) Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32321A ESMT-M52S32321A_1 Datasheet
758Kb / 29P
   512K x 32Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
   512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
   512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
   512K x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com