Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT79RC64V474-180DPI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT79RC64V474-180DPI
Description  RISControllerTM Embedded 64-bit Microprocessor, based on
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RC64V474-180DPI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT79RC64V474-180DPI Datasheet HTML 3Page - Integrated Device Technology IDT79RC64V474-180DPI Datasheet HTML 4Page - Integrated Device Technology IDT79RC64V474-180DPI Datasheet HTML 5Page - Integrated Device Technology IDT79RC64V474-180DPI Datasheet HTML 6Page - Integrated Device Technology IDT79RC64V474-180DPI Datasheet HTML 7Page - Integrated Device Technology IDT79RC64V474-180DPI Datasheet HTML 8Page - Integrated Device Technology IDT79RC64V474-180DPI Datasheet HTML 9Page - Integrated Device Technology IDT79RC64V474-180DPI Datasheet HTML 10Page - Integrated Device Technology IDT79RC64V474-180DPI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7 of 25
April 10, 2001
RC64474™ RC64475™
Pin Description Table
The following is a list of system interface pins available on the RC64474/475. Pin names ending with an asterisk (*) are active when low.
Pin Name
Type
Description
System Interface
ExtRqst*
I
External request
An external agent asserts ExtRqst* to request use of the System interface. The processor grants the request by asserting
Release*.
Release*
O
Release interface
In response to the assertion of ExtRqst* or a CPU read request, the processor asserts Release* and signals to the request-
ing device that the system interface is available.
RdRdy*
I
Read Ready
The external agent asserts RdRdy* to indicate that it can accept a processor read request.
WrRdy*
I
Write Ready
An external agent asserts WrRdy* when it can now accept a processor write request.
ValidIn*
I
Valid Input
Signals that an external agent is now driving a valid address or data on the SysAD bus and a valid command or data iden-
tifier on the SysCmd bus.
ValidOut*
O
Valid output
Signals that the processor is now driving a valid address or data on the SysAD bus and a valid command or data identifier
on the SysCmd bus.
SysAD(63:0)
I/O
System address/data bus
A 64-bit address and data bus for communication between the processor and an external agent. During address phases
only, SysAd(35:0) contains valid address information. The remaining SysAD(63:36) pins are not used. The whole 64-bit
SysAD(63:0) may be used during the data transfer phase.
In 32-bit mode and in the RC64474, SysAD(63:32) is not used, regardless of Endianness. A 32-bit address and data com-
munication between processor and external agent is performed via SysAD(31:0).
SysADC(7:0)
I/O
System address/data check bus
An 8-bit bus containing parity check bits for the SysAD bus during data bus cycles.
In 32-bit mode and in the RC64474, SysADC(7:4) is not used. The SysADC(3:0) contains check bits for SysAD(31:0).
SysCmd(8:0)
I/O
System command/data identifier bus
A 9-bit bus for command and data identifier transmission between the processor and an external agent.
SysCmdP
I/O
System Command Parity
A single, even-parity bit for the Syscmd bus. This signal is always driven low.
Clock/Control Interface
MasterClock
I
Master Clock
Master clock input establishes the processor and bus operating frequency. It is multiplied internally by 2,3,4,5,6,7,8 to gen-
erate the pipeline clock (PClock). This clock must be driven by 3.3V (Vcc) clock signals, regardless of the 5V tolerant pin
setting.
VCCP
I
Quiet VCC for PLL
Quiet VCC for the internal phase locked loop.
VSSPI
Quiet VSS for PLL
Quiet VSS for the internal phase locked loop.
Interrupt Interface
Int*(5:0)
I
Interrupt
Six general processor interrupts, bit-wise ORed with bits 5:0 of the interrupt register.
Table 5 Pin Descriptions (Page 1 of 2)


Similar Part No. - IDT79RC64V474-180DPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79RC64T574 RENESAS-IDT79RC64T574 Datasheet
767Kb / 29P
   Advanced 64-bit Microprocessors Product Family
December 14, 2001
logo
Integrated Device Techn...
IDT79RC64T574-200DP IDT-IDT79RC64T574-200DP Datasheet
571Kb / 28P
   Advanced 64-bit Microprocessors Product Family
IDT79RC64T574-200DPI IDT-IDT79RC64T574-200DPI Datasheet
571Kb / 28P
   Advanced 64-bit Microprocessors Product Family
IDT79RC64T574-200DZ IDT-IDT79RC64T574-200DZ Datasheet
571Kb / 28P
   Advanced 64-bit Microprocessors Product Family
IDT79RC64T574-200DZI IDT-IDT79RC64T574-200DZI Datasheet
571Kb / 28P
   Advanced 64-bit Microprocessors Product Family
More results

Similar Description - IDT79RC64V474-180DPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC64474 RENESAS-RC64474 Datasheet
976Kb / 26P
   RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000TM
April 10, 2001
79RC32364 RENESAS-79RC32364 Datasheet
526Kb / 22P
   RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
STMicroelectronics
STLS2E02 STMICROELECTRONICS-STLS2E02 Datasheet
113Kb / 5P
   Loongson 2E: 700MHz 64-bit superscalar MIPS짰 based microprocessor
logo
ATMEL Corporation
SAM9G25 ATMEL-SAM9G25_14 Datasheet
3Mb / 1167P
   Atmel | SMART ARM-based Embedded Microprocessor
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com