Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82V2048SDA Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT82V2048SDA
Description  OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2048SDA Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT82V2048SDA Datasheet HTML 2Page - Integrated Device Technology IDT82V2048SDA Datasheet HTML 3Page - Integrated Device Technology IDT82V2048SDA Datasheet HTML 4Page - Integrated Device Technology IDT82V2048SDA Datasheet HTML 5Page - Integrated Device Technology IDT82V2048SDA Datasheet HTML 6Page - Integrated Device Technology IDT82V2048SDA Datasheet HTML 7Page - Integrated Device Technology IDT82V2048SDA Datasheet HTML 8Page - Integrated Device Technology IDT82V2048SDA Datasheet HTML 9Page - Integrated Device Technology IDT82V2048SDA Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
6
IDT82V2048S OCTAL T1/E1 SHORT HAUL LIU WITH SINGLE ENDED
INDUSTRIAL TEMPERATURE RANGES
RD0/RDP0
RD1/RDP1
RD2/RDP2
RD3/RDP3
RD4/RDP4
RD5/RDP5
RD6/RDP6
RD7/RDP7
CV0/RDN0
CV1/RDN1
CV2/RDN2
CV3/RDN3
CV4/RDN4
CV5/RDN5
CV6/RDN6
CV7/RDN7
O
High-Z
40
33
77
70
111
104
5
142
41
34
76
69
112
105
4
141
P2
M2
M13
P13
A13
C13
C2
A2
P3
M3
M12
P12
A12
C12
C3
A3
RDn: Receive Data for Channel 0~7
In Single Rail mode, the received NRZ data is output on this pin. The data is decoded by AMI or B8ZS/
HDB3 line code rule.
CVn: Code Violation for Channel 0~7
In Single Rail mode, the bipolar violation, code violation and excessive zeros will be reported by driving pin
CVn high for a full clock cycle. However, only bipolar violation is indicated when AMI decoder is selected.
RDPn/RDNn: Positive/Negative Receive Data for Channel 0~7
In Dual Rail Mode with clock recovery, these pins output the NRZ data. A high signal on RDPn indicates
the receipt of a positive pulse on RTIPn/RRINGn while a high signal on RDNn indicates the receipt of a
negative pulse on RTIPn/RRINGn.
The output data at RDn or RDPn/RDNn are clocked out on the falling edges of RCLK when the CLKE input
is low, or are clocked out on the rising edges of RCLK when CLKE is high.
In Dual Rail Mode without clock recovery, these pins output the raw RZ sliced data. In this data recovery
mode, the active polarity of RDPn/RDNn is determined by pin CLKE. When pin CLKE is low, RDPn/RDNn
is active low. When pin CLKE is high, RDPn/RDNn is active high.
In hardware mode, RDn or RDPn/RDNn will remain active during LOS. In host mode, these pins will either
remain active or insert alarm indication signal (AIS) into the receive path, determined by bit AISE in regis-
ter GCF.
RDn or RDPn/RDNn is set into high-Z when the corresponding receiver is powered down.
RCLK0
RCLK1
RCLK2
RCLK3
RCLK4
RCLK5
RCLK6
RCLK7
O
High-Z
39
32
78
71
110
103
6
143
P1
M1
M14
P14
A14
C14
C1
A1
RCLKn: Receive Clock for Channel 0~7
In clock recovery mode, this pin outputs the recovered clock from signal received on RTIPn/RRINGn. The
received data are clocked out of the device on the rising edges of RCLKn if pin CLKE is high, or on falling
edges of RCLKn if pin CLKE is low.
In data recovery mode, RCLKn is the output of an internal exclusive OR (XOR) which is connected with
RDPn and RDNn. The clock is recovered from the signal on RCLKn.
If Receiver n is powered down, the corresponding RCLKn is in high-Z.
MCLK
I
10
E1
MCLK: Master Clock
This is an independent, free running reference clock. A clock of 1.544 MHz (for T1 mode) or 2.048 MHz
(for E1 mode) is supplied to this pin as the clock reference of the device for normal operation.
In receive path, when MCLK is high, the device slices the incoming bipolar line signal into RZ pulse (Data
Recovery mode). When MCLK is low, all the receivers are powered down, and the output pins RCLKn,
RDPn and RDNn are switched to high-Z.
In transmit path, the operation mode is decided by the combination of MCLK and TCLKn (see TCLKn pin
description for details).
NOTE: Wait state generation via RDY/ACK is not available if MCLK is not provided.
LOS0
LOS1
LOS2
LOS3
LOS4
LOS5
LOS6
LOS7
O
42
35
75
68
113
106
3
140
K4
K3
K12
K11
E11
E12
E3
E4
LOSn: Loss of Signal Output for Channel 0~7
A high level on this pin indicates the loss of signal when there is no transition over a specified period of
time or no enough ones density in the received signal. The transition will return to low automatically when
there is enough transitions over a specified period of time with a certain ones density in the received sig-
nal. The LOS assertion and desertion criteria are described in 2.4.5 Loss of Signal (LOS) Detection.
Table-1 Pin Description (Continued)
Name
Type
Pin No.
Description
TQFP144 PBGA160


Similar Part No. - IDT82V2048SDA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2048SDAG RENESAS-IDT82V2048SDAG Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
More results

Similar Description - IDT82V2048SDA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2048S RENESAS-IDT82V2048S Datasheet
671Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT WITH SINGLE ENDED OPTION
November 14, 2012
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com