Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1363C-133BGC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1363C-133BGC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1363C-133BGC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1363C-133BGC Datasheet HTML 1Page - Cypress Semiconductor CY7C1363C-133BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1363C-133BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1363C-133BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1363C-133BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1363C-133BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1363C-133BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1363C-133BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1363C-133BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
CY7C1361C
CY7C1363C
Document #: 38-05541 Rev. *F
Page 2 of 31
ADDRESS
REGISTER
BURST
COUNTER
AND LOGIC
CLR
Q1
Q0
ENABLE
REGISTER
SENSE
AMPS
OUTPUT
BUFFERS
INPUT
REGISTERS
MEMORY
ARRAY
MODE
A[1:0]
ZZ
DQs
DQPA
DQPB
DQPC
DQPD
A0, A1, A
ADV
CLK
ADSP
ADSC
BWD
BWC
BWB
BWA
BWE
CE1
CE2
CE3
OE
GW
SLEEP
CONTROL
DQA,
DQPA
BYTE
WRITE REGISTER
DQB,
DQPB
BYTE
WRITE REGISTER
DQC,
DQPC
BYTE
WRITE REGISTER
BYTE
WRITE REGISTER
DQD,
DQPD
BYTE
WRITE REGISTER
DQD,
DQPD
BYTE
WRITE REGISTER
DQC,
DQPC
BYTE
WRITE REGISTER
DQB,
DQPB
BYTE
WRITE REGISTER
DQA,
DQPA
BYTE
WRITE REGISTER
Logic Block Diagram – CY7C1361C (256K x 36)
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
CE1
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
OUTPUT
BUFFERS
INPUT
REGISTERS
MODE
CE2
CE3
GW
BWE
A0,A1,A
BWB
BWA
DQB,DQPB
WRITE REGISTER
DQA,DQPA
WRITE REGISTER
ENABLE
REGISTER
A[1:0]
DQs
DQPA
DQPB
DQB,DQPB
WRITE DRIVER
DQA,DQPA
WRITE DRIVER
SLEEP
CONTROL
ZZ
Logic Block Diagram – CY7C1363C (512K x 18)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1363C-133BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363C-133BGC CYPRESS-CY7C1363C-133BGC Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-133BGC CYPRESS-CY7C1363C-133BGC Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results

Similar Description - CY7C1363C-133BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com