Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1365C-133AJXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1365C-133AJXI
Description  9-Mbit (256K x 32) Flow-Through Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1365C-133AJXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1365C-133AJXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1365C-133AJXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY7C1365C
Document #: 38-05690 Rev. *E
Page 5 of 18
Pin Descriptions
Name
TQFP
I/O
Description
A0, A1, A
37,36,32,33,34,35,44,45,46,
47,48,49,50,81,82,99,100
92 (for 2 Chip Enable Version)
43 (for 3 Chip Enable Version)
Input-
Synchronous
Address Inputs used to select one of the 256K address
locations. Sampled at the rising edge of the CLK if ADSP or ADSC
is active LOW, and CE1, CE2, and CE3 are sampled active. A[1:0] feed
the 2-bit counter.
BWA,BWB,
BWC, BWD
93,94,
95,96
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with BWE to
conduct Byte Writes to the SRAM. Sampled on the rising edge of
CLK.
GW
88
Input-
Synchronous
Global Write Enable Input, active LOW. When asserted LOW on
the rising edge of CLK, a global write is conducted (ALL bytes are
written, regardless of the values on BW[A:D] and BWE).
BWE
87
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled on the rising edge
of CLK. This signal must be asserted LOW to conduct a Byte Write.
CLK
89
Input-Clock
Clock Input. Used to capture all synchronous inputs to the device.
Also used to increment the burst counter when ADV is asserted LOW,
during a burst operation.
CE1
98
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of
CLK. Used in conjunction with CE2 and CE3 to select/deselect the
device. ADSP is ignored if CE
1 is HIGH. CE1 is sampled only when
a new external address is loaded.
CE2
97
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of
CLK. Used in conjunction with CE1 and CE3 to select/deselect the
device. CE2 is sampled only when a new external address is loaded.
CE3
92 (for 3 Chip Enable Version)
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of
CLK. Used in conjunction with CE1 and CE2 to select/deselect the
device. CE3 is assumed active throughout this document for BGA.
CE3 is sampled only when a new external address is loaded.
OE
86
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Controls the
direction of the I/O pins. When LOW, the I/O pins behave as outputs.
When deasserted HIGH, I/O pins are tri-stated, and act as input data
pins. OE is masked during the first clock of a Read cycle when
emerging from a deselected state.
ADV
83
Input-
Synchronous
Advance Input signal, sampled on the rising edge of CLK. When
asserted, it automatically increments the address in a burst cycle.
ADSP
84
Input-
Synchronous
Address Strobe from Processor, sampled on the rising edge of
CLK, active LOW. When asserted LOW, addresses presented to the
device are captured in the address registers. A[1:0] are also loaded
into the burst counter. When ADSP and ADSC are both asserted,
only ADSP is recognized. ASDP is ignored when CE1 is deasserted
HIGH.
ADSC
85
Input-
Synchronous
Address Strobe from Controller, sampled on the rising edge of
CLK, active LOW. When asserted LOW, addresses presented to the
device are captured in the address registers. A[1:0] are also loaded
into the burst counter. When ADSP and ADSC are both asserted,
only ADSP is recognized.
ZZ
64
Input-
Asynchronous
ZZ “sleep” Input, active HIGH. When asserted HIGH places the
device in a non-time-critical “sleep” condition with data integrity
preserved. For normal operation, this pin has to be LOW or left
floating. ZZ pin has an internal pull-down.
DQs
52,53,56, 57,58,59, 62,63,68,
69,72,73,74,75,78,79,2,3,6,7,
8,9,12,13,18,19,22,23,24,25,
28,29
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip
data register that is triggered by the rising edge of CLK. As outputs,
they deliver the data contained in the memory location specified by
the addresses presented during the previous clock rise of the read
cycle. The direction of the pins is controlled by OE. When OE is
asserted LOW, the pins behave as outputs. When HIGH, DQs are
placed in a tri-state condition.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1365C-133AJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
More results

Similar Description - CY7C1365C-133AJXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1379C CYPRESS-CY7C1379C Datasheet
348Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1336F CYPRESS-CY7C1336F Datasheet
327Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1336H CYPRESS-CY7C1336H Datasheet
675Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1214H CYPRESS-CY7C1214H Datasheet
354Kb / 15P
   1-Mbit (32K x 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com