Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1364C-250AJXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1364C-250AJXC
Description  9-Mbit (256K x 32) Pipelined Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1364C-250AJXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1364C-250AJXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1364C-250AJXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1364C-250AJXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1364C-250AJXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1364C-250AJXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1364C-250AJXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1364C-250AJXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1364C-250AJXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1364C-250AJXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CY7C1364C
Document #: 38-05689 Rev. *E
Page 10 of 18
Capacitance[11]
Parameter
Description
Test Conditions
100 TQFP
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 3.3V
VDDQ = 2.5V
5pF
CCLK
Clock Input Capacitance
5
pF
CI/O
Input/Output Capacitance
5
pF
Thermal Resistance[11]
Parameter
Description
Test Conditions
100 TQFP Package
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test
methods and procedures for measuring
thermal impedance, per EIA/JESD51
29.41
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
6.13
°C/W
AC Test Loads and Waveforms
Note:
11. Tested initially and after any design or process change that may affect these parameters
OUTPUT
R = 317
R = 351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VT = 1.5V
3.3V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
≤ 1 ns
≤ 1 ns
(c)
OUTPUT
R = 1667
R =1538
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VT = 1.25V
2.5V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
≤ 1 ns
≤ 1 ns
(c)
3.3V I/O Test Load
2.5V I/O Test Load
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1364C-250AJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1364CV33 CYPRESS-CY7C1364CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1364C-250AJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
CY7C1364B CYPRESS-CY7C1364B Datasheet
335Kb / 16P
   9-Mb (256K x 32) Pipelined Sync SRAM
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_06 Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1378C CYPRESS-CY7C1378C Datasheet
310Kb / 13P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
   9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com