Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1361C-133BZI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1361C-133BZI
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1361C-133BZI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1361C-133BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1361C-133BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1361C-133BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1361C-133BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1361C-133BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1361C-133BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1361C-133BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1361C-133BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1361C-133BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C
CY7C1363C
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05541 Rev. *F
Revised September 14, 2006
Features
• Supports 100, 133-MHz bus operations
• Supports 100-MHz bus operations (Automotive)
• 256K × 36/512K × 18 common I/O
• 3.3V –5% and +10% core power supply (VDD)
• 2.5V or 3.3V I/O power supply (VDDQ)
• Fast clock-to-output times
— 6.5 ns (133-MHz version)
• Provide high-performance 2-1-1-1 access rate
• User-selectable burst counter supporting Intel®
Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• Available in lead-free 100-Pin TQFP package, lead-free
and non lead-free 119-Ball BGA package and 165-Ball
FBGA package
• TQFP Available with 3-Chip Enable and 2-Chip Enable
• IEEE 1149.1 JTAG-Compatible Boundary Scan
•“ZZ” Sleep Mode option
Functional Description[1]
The CY7C1361C/CY7C1363C is a 3.3V, 256K x 36/512K x 18
Synchronous Flow-through SRAMs, respectively designed to
interface with high-speed microprocessors with minimum glue
logic. Maximum access delay from clock rise is 6.5 ns
(133-MHz version). A 2-bit on-chip counter captures the first
address in a burst and increments the address automatically
for the rest of the burst access. All synchronous inputs are
gated by registers controlled by a positive-edge-triggered
Clock Input (CLK). The synchronous inputs include all
addresses, all data inputs, address-pipelining Chip Enable
(CE1), depth-expansion Chip Enables (CE2 and CE3
[2]), Burst
Control inputs (ADSC, ADSP, and ADV), Write Enables (BWx,
and BWE), and Global Write (GW). Asynchronous inputs
include the Output Enable (OE) and the ZZ pin.
The CY7C1361C/CY7C1363C allows either interleaved or
linear burst sequences, selected by the MODE input pin. A
HIGH selects an interleaved burst sequence, while a LOW
selects a linear burst sequence. Burst accesses can be
initiated with the Processor Address Strobe (ADSP) or the
cache Controller Address Strobe (ADSC) inputs. Address
advancement is controlled by the Address Advancement
(ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
The CY7C1361C/CY7C1363C operates from a +3.3V core
power supply while all outputs may operate with either a +2.5
or +3.3V supply. All inputs and outputs are JEDEC-standard
JESD8-5-compatible.
Selection Guide
133 MHz
100 MHz
Unit
Maximum Access Time
6.5
8.5
ns
Maximum Operating Current
250
180
mA
Maximum CMOS Standby Current
Comm/Ind’l
40
40
mA
Automotive
60
mA
Notes:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
2. CE3 is for A version of TQFP (3 Chip Enable Option) and 165 FBGA package only. 119 BGA is offered only in 2 Chip Enable.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1361C-133BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361C-133BZI CYPRESS-CY7C1361C-133BZI Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133BZI CYPRESS-CY7C1361C-133BZI Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results

Similar Description - CY7C1361C-133BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com