Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRUS440 Datasheet(PDF) 2 Page - Electronic devices inc.

Part # BRUS440
Description  ULTRA-FAST RECOVERY 30 to35 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS PC BOARD MOUNTING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

BRUS440 Datasheet(HTML) 2 Page - Electronic devices inc.

  BRUS440 Datasheet HTML 1Page - Electronic devices inc. BRUS440 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BRUS3/4 MECHANICAL OUTLINE
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
Dielectric test voltage 2,500 volts rms, max. 50-60Hz
1. Corrosion resistant terminals designed for .250 female quick connector, wrap around or solder.
2. A thin film of silicone thermal compound is recommended between the Minibridge
case and mounting surface for improved thermal conduction.
3. Higher dielectric strengths available. Consult factory.
Ee-mail:sales@edidiodes.com Wwebsite: http://www.edidiodes.com
*
R
FIG.1
FIG.2
CURRENT DERATING
30
60
20
40
10
50
0
25
50
75
100
125
150
BRIDGE OUTPUT
RES.-IND. LOADS
Derate current by 20% for capacitive loads
(
OC)
T =TEMPERATURE
NUMBER OF CYCLES AT 60 CPS
1
2
5
10
20
50
100
500
10
20
50
100
200
1000
NON-REPETITIVE SURGE CURRENT
C
R R
1, 2 NON-INDUCTIVE RESISTORS
PULSE GENERATOR - HEWLETT
PACKARD 214A OR EQUIV.
IKC REP.RATE, 10
SEC. PULSE WIDTH
ADJUST PULSE AMPLITUDE FOR PEAK IR
FIG. 3
TEST METHOD
REVERSE RECOVERY
PULSE
GENERATOR
D.U.T.
SCOPE
R
2
1 OHM
R1
50 OHM
-
BRUS4
BRUS3 &4
BRUS3
BRU
S4
BRU
S3
BRUS3/4-W MECHANICAL OUTLINE
O
NOTES: Maxinum lead and terminal temperature for soldering, 3/8 inch from case,5 seconds at 250 C
EDI reserves the right to change these specifications at any time without notice.
1.0A
0.5A
T RR
ZERO
REFERENCE
0.25A
+
.193 DIA
THRU HOLE
INTEGRATED
METAL HEAT SINK
1.125
1.125
EPOXY
CASE
. 4 0 5 M A X
.6 MAX.
.032
-
.250 FASTON
4 PLACES
.093 DIA. HOLE
+
.450
.193 DIA
THRU HOLE
AC
AC
1.125
.712
.712
1.125
+
1.2 MIN.
.040
DIA.
.405 MAX
EPOXY
CASE
METAL HEAT SINK


Similar Part No. - BRUS440

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
BRUS1 EDI-BRUS1 Datasheet
61Kb / 2P
   ULTRA-FAST RECOVERY 4 to 6 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS PC BOARD MOUNTING
BRUS105 EDI-BRUS105 Datasheet
61Kb / 2P
   ULTRA-FAST RECOVERY 4 to 6 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS PC BOARD MOUNTING
BRUS110 EDI-BRUS110 Datasheet
61Kb / 2P
   ULTRA-FAST RECOVERY 4 to 6 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS PC BOARD MOUNTING
BRUS120 EDI-BRUS120 Datasheet
61Kb / 2P
   ULTRA-FAST RECOVERY 4 to 6 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS PC BOARD MOUNTING
BRUS140 EDI-BRUS140 Datasheet
61Kb / 2P
   ULTRA-FAST RECOVERY 4 to 6 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS PC BOARD MOUNTING
More results

Similar Description - BRUS440

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
BRUS1 EDI-BRUS1 Datasheet
61Kb / 2P
   ULTRA-FAST RECOVERY 4 to 6 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS PC BOARD MOUNTING
BRUS2 EDI-BRUS2 Datasheet
64Kb / 2P
   ULTRA-FAST RECOVERY SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS P.C. BOARD MOUNTING
BRUS6 EDI-BRUS6 Datasheet
58Kb / 2P
   ULTRA-FAST RECOVERY 8 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS P .C. BOARD MOUNTING
PKR EDI-PKR Datasheet
53Kb / 2P
   FAST RECOVERY MINIBRIDGE 8 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PWT05 EDI-PWT05 Datasheet
50Kb / 2P
   MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PKR-F EDI-PKR-F Datasheet
56Kb / 2P
   FAST RECOVERY MINIBRIDGE 10 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PK05 EDI-PK05 Datasheet
50Kb / 2P
   MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
DY05 EDI-DY05 Datasheet
46Kb / 2P
   10 AMPERES - HIGH SURGE SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK-CHASSIS-P.C. BOARD MOUNTING
PBT05 EDI-PBT05 Datasheet
46Kb / 2P
   27.5 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PBT EDI-PBT Datasheet
47Kb / 2P
   THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com