Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72265LA15PFGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72265LA15PFGI
Description  CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72265LA15PFGI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72265LA15PFGI Datasheet HTML 1Page - Integrated Device Technology IDT72265LA15PFGI Datasheet HTML 2Page - Integrated Device Technology IDT72265LA15PFGI Datasheet HTML 3Page - Integrated Device Technology IDT72265LA15PFGI Datasheet HTML 4Page - Integrated Device Technology IDT72265LA15PFGI Datasheet HTML 5Page - Integrated Device Technology IDT72265LA15PFGI Datasheet HTML 6Page - Integrated Device Technology IDT72265LA15PFGI Datasheet HTML 7Page - Integrated Device Technology IDT72265LA15PFGI Datasheet HTML 8Page - Integrated Device Technology IDT72265LA15PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
IDT72255LA/72265LA CMOS SuperSync FIFO™
8,192 x 18 and 16,384 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
OCTOBER 17, 2005
DESCRIPTION (CONTINUED)
Figure 1. Block Diagram of Single 8,192 x 18 and 16,384 x 18 Synchronous FIFO
DATA OUT (Q0 - Qn)
DATA IN (D0 - Dn)
MASTER RESET (
MRS)
READ CLOCK (RCLK)
READ ENABLE (
REN)
OUTPUT ENABLE (
OE)
EMPTY FLAG/OUTPUT READY (
EF/OR)
PROGRAMMABLE ALMOST-EMPTY (
PAE)
WRITE CLOCK (WCLK)
WRITE ENABLE (
WEN)
LOAD (
LD)
FULL FLAG/INPUT READY (
FF/IR)
PROGRAMMABLE ALMOST-FULL (
PAF)
IDT
72255LA
72265LA
PARTIAL RESET (
PRS)
FIRST WORD FALL THROUGH/SERIAL INPUT
(FWFT/SI)
RETRANSMIT (
RT)
4670 drw03
HALF FULL FLAG (
HF)
SERIAL ENABLE(
SEN)
In FWFT mode, the first word written to an empty FIFO is clocked directly to
the data output lines after three transitions of the RCLK signal. A
RENdoesnot
have to be asserted for accessing the first word. However, subsequent words
writtentotheFIFOdorequireaLOWon
RENforaccess. ThestateoftheFWFT/
SI input during Master Reset determines the timing mode in use.
ForapplicationsrequiringmoredatastoragecapacitythanasingleFIFOcan
provide, the FWFT timing mode permits depth expansion by chaining FIFOs
in series (i.e. the data outputs of one FIFO are connected to the corresponding
data inputs of the next). No external logic is required.
These FIFOs have five flag pins,
EF/OR(EmptyFlagorOutputReady),FF/
IR(FullFlagorInputReady),HF(Half-fullFlag),PAE(ProgrammableAlmost-
Emptyflag)and
PAF(ProgrammableAlmost-Fullflag). TheEFandFFfunctions
are selected in IDT Standard mode. The
IR and OR functions are selected in
FWFT mode.
HF, PAE and PAF are always available for use, irrespective of
timingmode.
PAE and PAF can be programmed independently to switch at any point in
memory. (See Table I and Table 2.) Programmable offsets determine the flag
switching threshold and can be loaded by two methods: parallel or serial. Two
defaultoffsetsettingsarealsoprovided,sothat
PAEcanbesettoswitchat127
or 1,023 locations from the empty boundary and the
PAFthresholdcanbeset
at 127 or 1,023 locations from the full boundary. These choices are made with
the
LD pin during Master Reset.
For serialprogramming,
SENtogetherwithLDoneachrisingedgeofWCLK,
are used to load the offset registers via the Serial Input (SI). For parallel
programming,
WENtogetherwithLDoneachrisingedgeofWCLK,areused
to load the offset registers via Dn.
REN together withLD on each rising edge
ofRCLKcanbeusedtoreadtheoffsetsinparallelfromQnregardlessofwhether
serial or parallel offset loading has been selected.
During Master Reset (
MRS)thefollowingeventsoccur:Thereadandwrite
pointers are set to the first location of the FIFO. The FWFT pin selects IDT
Standard mode or FWFT mode. The
LDpinselectseitherapartialflagdefault
settingof127withparallelprogrammingorapartialflagdefaultsettingof1,023
with serial programming. The flags are updated according to the timing mode
anddefaultoffsetsselected.
The Partial Reset (
PRS) also sets the read and write pointers to the first
location of the memory. However, the timing mode, partial flag programming
method,anddefaultorprogrammedoffsetsettingsexistingbeforePartialReset
remain unchanged. The flags are updated according to the timing mode and
offsets in effect.
PRS is useful for resetting a device in mid-operation, when
reprogramming partial flags would be undesirable.
The Retransmit function allows data to be reread from the FIFO more than
once. A LOW on the
RTinputduringarisingRCLKedgeinitiatesaretransmit
operation by setting the read pointer to the first location of the memory array.
If, at any time, the FIFO is not actively performing an operation, the chip will
automatically power down. Once in the power down state, the standby supply
currentconsumptionisminimized. Initiatinganyoperation(byactivatingcontrol
inputs) will immediately take the device out of the power down state.
The IDT72255LA/72265LA are fabricated using IDT’s high speed submi-
cron CMOS technology.


Similar Part No. - IDT72265LA15PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72265LA15PF IDT-IDT72265LA15PF Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
IDT72265LA15PFI IDT-IDT72265LA15PFI Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
More results

Similar Description - IDT72265LA15PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com