Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC32434-300BC Datasheet(PDF) 5 Page - Integrated Device Technology

Part # RC32434-300BC
Description  IDT TInterprise Integrated Communications Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

RC32434-300BC Datasheet(HTML) 5 Page - Integrated Device Technology

  RC32434-300BC Datasheet HTML 1Page - Integrated Device Technology RC32434-300BC Datasheet HTML 2Page - Integrated Device Technology RC32434-300BC Datasheet HTML 3Page - Integrated Device Technology RC32434-300BC Datasheet HTML 4Page - Integrated Device Technology RC32434-300BC Datasheet HTML 5Page - Integrated Device Technology RC32434-300BC Datasheet HTML 6Page - Integrated Device Technology RC32434-300BC Datasheet HTML 7Page - Integrated Device Technology RC32434-300BC Datasheet HTML 8Page - Integrated Device Technology RC32434-300BC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5 of 53
January 19, 2006
IDT RC32434
DDRCKP
O
DDR Positive DDR clock. This signal is the positive clock of the differential
DDR clock pair.
DDRCSN
O
DDR Chip Selects. This active low signal is used to select DDR device(s) on
the DDR bus.
DDRDATA[15:0]
I/O
DDR Data Bus. 16-bit DDR data bus is used to transfer data between the
RC32434 and the DDR devices. Data is transferred on both edges of the clock.
DDRDM[1:0]
O
DDR Data Write Enables. Byte data write enables are used to enable specific
byte lanes during DDR writes.
DDRDM[0] corresponds to DDRDATA[7:0]
DDRDM[1] corresponds to DDRDATA[15:8]
DDRDQS[1:0]
I/O
DDR Data Strobes. DDR byte data strobes are used to clock data between
DDR devices and the RC32434. These strobes are inputs during DDR reads
and outputs during DDR writes.
DDRDQS[0] corresponds to DDRDATA[7:0]
DDRDQS[1] corresponds to DDRDATA[15:8]
DDRRASN
O
DDR Row Address Strobe. The DDR row address strobe is asserted during
DDR transactions.
DDRVREF
I
DDR Voltage Reference. SSTL_2 DDR voltage reference is generated by an
external source.
DDRWEN
O
DDR Write Enable. DDR write enable is asserted during DDR write transac-
tions.
PCI Bus
PCIAD[31:0]
I/O
PCI Multiplexed Address/Data Bus. Address is driven by a bus master during
initial PCIFRAMEN assertion. Data is then driven by the bus master during
writes or by the bus target during reads.
PCICBEN[3:0]
I/O
PCI Multiplexed Command/Byte Enable Bus. PCI commands are driven by
the bus master during the initial PCIFRAMEN assertion. Byte enable signals are
driven by the bus master during subsequent data phase(s).
PCICLK
I
PCI Clock. Clock used for all PCI bus transactions.
PCIDEVSELN
I/O
PCI Device Select. This signal is driven by a bus target to indicate that the tar-
get has decoded the address as one of its own address spaces.
PCIFRAMEN
I/O
PCI Frame. Driven by a bus master. Assertion indicates the beginning of a bus
transaction. Negation indicates the last data.
PCIGNTN[3:0]
I/O
PCI Bus Grant.
In PCI host mode with internal arbiter:
The assertion of these signals indicates to the agent that the internal RC32434
arbiter has granted the agent access to the PCI bus.
In PCI host mode with external arbiter:
PCIGNTN[0]: asserted by an external arbiter to indicate to the RC32434 that
access to the PCI bus has been granted.
PCIGNTN[3:1]: unused and driven high.
In PCI satellite mode:
PCIGNTN[0]: This signal is asserted by an external arbiter to indicate to the
RC32434 that access to the PCI bus has been granted.
PCIGNTN[3:1]: unused and driven high.
PCIIRDYN
I/O
PCI Initiator Ready. Driven by the bus master to indicate that the current datum
can complete.
Signal
Type
Name/Description
Table 1 Pin Description (Part 2 of 6)


Similar Part No. - RC32434-300BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results

Similar Description - RC32434-300BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC32332 IDT-IDT79RC32332 Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
79RC32351 IDT-79RC32351 Datasheet
864Kb / 42P
   IDT Interprise Integrated Communications Processor
79RC32334 IDT-79RC32334 Datasheet
744Kb / 30P
   IDT Interprise Integrated Communications Processor
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Teledyne Technologies I...
T1042 TELEDYNE-T1042 Datasheet
1Mb / 174P
   QorIQ Integrated Multicore Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com