Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHP Datasheet(PDF) 1 Page - Electronic devices inc.

Part # RHP
Description  KILOVOLT HIGH CURRENT RECTIFIER ASSEMBLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

RHP Datasheet(HTML) 1 Page - Electronic devices inc.

  RHP Datasheet HTML 1Page - Electronic devices inc. RHP Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KHP
RHP
MATCHED SILICON RECTIFIER ELEMENTS
RATED CURRENT TO 3.0 AMPERES
PRV 5,000 TO 50,000 VOLTS
FAST RECOVERY (RHP SERIES)
ALL APPLICABLE MIL-STD-750 TESTS
HIGH THERMAL CONDUCTIVITY ENCAPSULATION
Max. Reverse Recovery Time , Trr (Fig.4)
200 nanosec
Max. DC Reverse Current @ PRV and 25
oC, IR
250
Amps
Storage Temperature Range, TSTG
A
5
Ambient Operating Temperature Range,TA
Max. DC Reverse Current @ PRV and 100
oC, IR
240
Amps
25
A
-55
to +150
oC
oC
-55
to +150
oC
oC
RHP SERIES
FAST
RECOVERY
ELECTRICAL CHARACTERISTICS
(at TA=25 C Unless Otherwise Specified)
FRM
Max.One-Half Cycle Surge Current, IFM
(Surge )@ 60Hz
82
6.00
4.0
B
FRM
Max. DC Reverse Current @ PRV and 25
oC, IR
100
Max.One-Half Cycle Surge Current, I FM
Amps
Storage Temperature Range, TSTG
A
5
Ambient Operating Temperature Range,TA
ELECTRICAL CHARACTERISTICS
(at TA=25 C Unless Otherwise Specified)
Max. DC Reverse Current @ PRV and 100
oC, IR
400
Amps
40
A
-55
to +150
oC
oC
-55
to +150
oC
oC
KHP SERIES
STANDARD
RECOVERY
(Surge )@ 60Hz
EDI Type No.
Peak
ReverseVoltage
PRV (Volts)
Avg. Fwd.Current
IO at 25
oC
(Am ps)
Max. Fwd Voltage
Drop at 25
o
VF (Volts)
Dim ens ion
L
Inches
Fig .3
Dim ens ion
W
Inches
Fig .3
Case
Sty le
Fig .3
STANDARD RECOVERY
KHP5
5,000
3.00
8
4.00
1.0
A
KHP6
6,000
9
4.75
1.0
A
KHP7
7,000
10
5.50
1.0
A
KHP8
8,000
11
6.00
1.0
A
KHP9
9,000
14
6.50
1.0
A
KHP10
10,000
15
7.00
1.0
A
KHP15
15,000
21
4.00
2.0
B
KHP20
20,000
28
6.00
2.0
B
KHP25
25,000
36
8.00
2.0
B
KHP30
30,000
42
4.00
3.0
B
KHP35
35,000
49
6.00
3.0
B
KHP40
40,000
63
8.00
3.0
B
KHP50
50,000
70
6.00
4.0
B
200 NANOSECOND RECOVERY (FIG.4)
RHP5
5,000
2.50
10
4.00
1.0
A
RHP6
6,000
2.50
11
4.75
1.0
A
RHP7
7,000
2.50
12
5.50
1.0
A
RHP8
8,000
2.50
13
6.00
1.0
A
RHP9
9,000
2.50
16
6.50
1.0
A
RHP10
10,000
2.50
17
7.00
1.0
A
RHP15
15,000
2.25
25
4.00
2.0
B
RHP20
20,000
2.25
33
6.00
2.0
B
RHP25
25,000
2.25
42
8.00
2.0
B
RHP30
30,000
2.25
50
4.00
3.0
B
RHP35
35,000
2.25
58
6.00
3.0
B
RHP40
40,000
2.25
65
8.00
3.0
B
RHP50
50,000
2.25
KILOVOLT HIGH CURRENT
RECTIFIER ASSEMBLIES
Forward Current Repetitive Peak,I
Forward Current Repetitive Peak,I
EDI reserves the right to change these specifications at any time without notice.
2.75
2.75
2.75
2.50
2.50
2.50
2.25
2.25
2.25
2.25
2.25
2.25
3 Amps
C and


Similar Part No. - RHP

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
RHP-100A-100FNR AAC-RHP-100A-100FNR Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FNT AAC-RHP-100A-100FNT Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FYR AAC-RHP-100A-100FYR Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FYT AAC-RHP-100A-100FYT Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FZR AAC-RHP-100A-100FZR Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
More results

Similar Description - RHP

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
KVP5 EDI-KVP5 Datasheet
49Kb / 2P
   KILOVOLT RECTIFIER ASSEMBLIES
KMO EDI-KMO Datasheet
49Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLIES
logo
Frontier Electronics.
HV07-08 FRONTIER-HV07-08 Datasheet
121Kb / 2P
   HIGH VOLTAGE RECTIFIER ASSEMBLIES
logo
Electronic devices inc.
HTD EDI-HTD Datasheet
41Kb / 2P
   Operation High Voltage Rectifier Assemblies
logo
Powerex Power Semicondu...
PAA6T6200620 POWEREX-PAA6T6200620 Datasheet
1Mb / 2P
   Rectifier & SCR Assemblies
logo
TRANSYS Electronics Lim...
1N411B TEL-1N411B Datasheet
159Kb / 1P
   High Current Rectifier
1N3139 TEL-1N3139 Datasheet
160Kb / 1P
   High Current Rectifier
logo
Solid States Devices, I...
RP0007 SSDI-RP0007 Datasheet
130Kb / 2P
   HIGH CURRENT RECTIFIER
logo
TRANSYS Electronics Lim...
1N2426 TEL-1N2426 Datasheet
160Kb / 1P
   High Current Rectifier
1N1396 TEL-1N1396 Datasheet
159Kb / 1P
   High Current Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com