Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79RC32H435-400BC Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 79RC32H435-400BC
Description  IDTTM InterpriseTM Integrated Communications Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RC32H435-400BC Datasheet(HTML) 4 Page - Integrated Device Technology

  79RC32H435-400BC Datasheet HTML 1Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 2Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 3Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 4Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 5Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 6Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 7Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 8Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
4 of 53
January 19, 2006
IDT 79RC32435
P
PP
Pin Description Table
in Description Table
in Description Table
in Description Table
The following table lists the functions of the pins provided on the RC32435. Some of the functions listed may be multiplexed onto the same pin.
The active polarity of a signal is defined using a suffix. Signals ending with an “N” are defined as being active, or asserted, when at a logic zero
(low) level. All other signals (including clocks, buses, and select lines) will be interpreted as being active, or asserted, when at a logic one (high) level.
Signal
Type
Name/Description
Memory and Peripheral Bus
BDIRN
O
External Buffer Direction. Controls the direction of the external data bus buffer
for the memory and peripheral bus. If the RC32435 memory and peripheral bus
is connected to the A side of a transceiver, such as an IDT74FCT245, then this
pin may be directly connected to the direction control (e.g., BDIR) pin of the
transceiver.
BOEN
O
External Buffer Enable. This signal provides an output enable control for an
external buffer on the memory and peripheral data bus.
WEN
O
Write Enables. This signal is the memory and peripheral bus write enable sig-
nal.
CSN[3:0]
O
Chip Selects. These signals are used to select an external device on the mem-
ory and peripheral bus.
MADDR[21:0]
O
Address Bus. 22-bit memory and peripheral bus address bus.
MADDR[25:22] are available as GPIO alternate functions.
MDATA[7:0]
I/O
Data Bus. 8-bit memory and peripheral data bus. During a cold reset, these pins
function as inputs that are used to load the boot configuration vector.
OEN
O
Output Enable. This signal is asserted when data should be driven by an exter-
nal device on the memory and peripheral bus.
RWN
O
Read Write. This signal indicates whether the transaction on the memory and
peripheral bus is a read transaction or a write transaction. A high level indicates
a read from an external device. A low level indicates a write to an external
device.
WAITACKN
I
Wait or Transfer Acknowledge. When configured as wait, this signal is
asserted during a memory and peripheral bus transaction to extend the bus
cycle. When configured as a transfer acknowledge, this signal is asserted during
a transaction to signal the completion of the transaction.
DDR Bus
DDRADDR[13:0]
O
DDR Address Bus. 14-bit multiplexed DDR address bus. This bus is used to
transfer the addresses to the DDR devices.
DDRBA[1:0]
O
DDR Bank Address. These signals are used to transfer the bank address to the
DDRs.
DDRCASN
O
DDR Column Address Strobe. This signal is asserted during DDR transac-
tions.
DDRCKE
O
DDR Clock Enable. The DDR clock enable signal is asserted during normal
DDR operation. This signal is negated following a cold reset or during a power
down operation.
DDRCKN
O
DDR Negative DDR clock. This signal is the negative clock of the differential
DDR clock pair.
Table 1 Pin Description (Part 1 of 6)


Similar Part No. - 79RC32H435-400BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32H435-400BC RENESAS-79RC32H435-400BC Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results

Similar Description - 79RC32H435-400BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
logo
Integrated Device Techn...
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
IDT79RC32438 IDT-IDT79RC32438 Datasheet
644Kb / 59P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com