Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79RC32H435-400BC Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 79RC32H435-400BC
Description  IDTTM InterpriseTM Integrated Communications Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RC32H435-400BC Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 79RC32H435-400BC Datasheet HTML 6Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 7Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 8Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 9Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 10Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 11Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 12Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 13Page - Integrated Device Technology 79RC32H435-400BC Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
10 of 53
January 19, 2006
IDT 79RC32435
Pin Characteristics
Pin Characteristics
Pin Characteristics
Pin Characteristics
Note: Some input pads of the RC32435 do not contain internal pull-ups or pull-downs. Unused inputs should be tied off to appropriate
levels. This is especially critical for unused control signal inputs (such as WAITACKN) which, if left floating, could adversely affect the
RC32435’s operation. Also, any input pin left floating can cause a slight increase in power consumption.
Function
Pin Name
Type
Buffer
I/O Type
Internal
Resistor
Notes1
Memory and Peripheral
Bus
BDIRN
O
LVTTL
High Drive
BOEN
O
LVTTL
High Drive
WEN
O
LVTTL
High Drive
CSN[3:0]
O
LVTTL
High Drive
MADDR[21:0]
I/O
LVTTL
High Drive
MDATA[7:0]
I/O
LVTTL
High Drive
OEN
O
LVTTL
High Drive
RWN
O
LVTTL
High Drive
WAITACKN
I
LVTTL
STI
pull-up
DDR Bus
DDRADDR[13:0]
O
SSTL_2
DDRBA[1:0]
O
SSTL_2
DDRCASN
O
SSTL_2
DDRCKE
O
SSTL_2 / LVC-
MOS
DDRCKN
O
SSTL_2
DDRCKP
O
SSTL_2
DDRCSN
O
SSTL_2
DDRDATA[15:0]
I/O
SSTL_2
DDRDM[1:0]
O
SSTL_2
DDRDQS[1:0]
I/O
SSTL_2
DDRRASN
O
SSTL_2
DDRVREF
I
Analog
DDRWEN
O
SSTL_2
PCI Bus Interface
PCIAD[31:0]
I/O
PCI
PCICBEN[3:0]
I/O
PCI
PCICLK
I
PCI
PCIDEVSELN
I/O
PCI
pull-up on board
PCIFRAMEN
I/O
PCI
pull-up on board
PCIGNTN[3:0]
I/O
PCI
pull-up on board
PCIIRDYN
I/O
PCI
pull-up on board
PCILOCKN
I/O
PCI
PCIPAR
I/O
PCI
PCIPERRN
I/O
PCI
PCIREQN[3:0]
I/O
PCI
pull-up on board
PCIRSTN
I/O
PCI
pull-down on board
PCISERRN
I/O
PCI
Open Collector
pull-up on board
PCISTOPN
I/O
PCI
pull-up on board
PCITRDYN
I/O
PCI
pull-up on board
General Purpose I/O
GPIO[8:0]
I/O
LVTTL
High Drive
pull-up
GPIO[13:9]
I/O
PCI
pull-up on board
Table 2 Pin Characteristics (Part 1 of 2)


Similar Part No. - 79RC32H435-400BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32H435-400BC RENESAS-79RC32H435-400BC Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results

Similar Description - 79RC32H435-400BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
logo
Integrated Device Techn...
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
IDT79RC32438 IDT-IDT79RC32438 Datasheet
644Kb / 59P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com