Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC32434-400BCI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # RC32434-400BCI
Description  IDT TInterprise Integrated Communications Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

RC32434-400BCI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button RC32434-400BCI Datasheet HTML 5Page - Integrated Device Technology RC32434-400BCI Datasheet HTML 6Page - Integrated Device Technology RC32434-400BCI Datasheet HTML 7Page - Integrated Device Technology RC32434-400BCI Datasheet HTML 8Page - Integrated Device Technology RC32434-400BCI Datasheet HTML 9Page - Integrated Device Technology RC32434-400BCI Datasheet HTML 10Page - Integrated Device Technology RC32434-400BCI Datasheet HTML 11Page - Integrated Device Technology RC32434-400BCI Datasheet HTML 12Page - Integrated Device Technology RC32434-400BCI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
9 of 53
January 19, 2006
IDT RC32434
Pin Characteristics
Pin Characteristics
Pin Characteristics
Pin Characteristics
Note: Some input pads of the RC32434 do not contain internal pull-ups or pull-downs. Unused inputs should be tied off to appropriate
levels. This is especially critical for unused control signal inputs (such as WAITACKN) which, if left floating, could adversely affect the
RC32434’s operation. Also, any input pin left floating can cause a slight increase in power consumption.
EJTAG_TMS
I
EJTAG Mode. The value on this signal controls the test mode select of the
EJTAG Controller. When using the JTAG boundary scan, this pin should be left
disconnected (since there is an internal pull-up) or driven high.
JTAG_TRST_N
I
JTAG Reset. This active low signal asynchronously resets the boundary scan
logic, JTAG TAP Controller, and the EJTAG Debug TAP Controller. An external
pull-up on the board is recommended to meet the JTAG specification in cases
where the tester can access this signal. However, for systems running in func-
tional mode, one of the following should occur:
1) actively drive this signal low with control logic
2) statically drive this signal low with an external pull-down on the board
3) clock JTAG_TCK while holding EJTAG_TMS and/or JTAG_TMS high.
JTAG_TCK
I
JTAG Clock. This is an input test clock used to clock the shifting of data into or
out of the boundary scan logic, JTAG Controller, or the EJTAG Controller.
JTAG_TCK is independent of the system and the processor clock with a nomi-
nal 50% duty cycle.
JTAG_TDO
O
JTAG Data Output. This is the serial data shifted out from the boundary scan
logic, JTAG Controller, or the EJTAG Controller. When no data is being shifted
out, this signal is tri-stated.
JTAG_TDI
I
JTAG Data Input. This is the serial data input to the boundary scan logic, JTAG
Controller, or the EJTAG Controller.
System
CLK
I
Master Clock. This is the master clock input. The processor frequency is a mul-
tiple of this clock frequency. This clock is used as the system clock for all mem-
ory and peripheral bus operations.
EXTBCV
I
Load External Boot Configuration Vector. When this pin is asserted (i.e.,
high) the boot configuration vector is loaded from an externally supplied value
during a cold reset.
EXTCLK
O
External Clock. This clock is used for all memory and peripheral bus opera-
tions.
COLDRSTN
I
Cold Reset. The assertion of this signal initiates a cold reset. This causes the
processor state to be initialized, boot configuration to be loaded, and the internal
PLL to lock onto the master clock (CLK).
RSTN
I/O
Reset. The assertion of this bidirectional signal initiates a warm reset. This sig-
nal is asserted by the RC32434 during a warm reset.
Signal
Type
Name/Description
Table 1 Pin Description (Part 6 of 6)


Similar Part No. - RC32434-400BCI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results

Similar Description - RC32434-400BCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC32332 IDT-IDT79RC32332 Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
79RC32351 IDT-79RC32351 Datasheet
864Kb / 42P
   IDT Interprise Integrated Communications Processor
79RC32334 IDT-79RC32334 Datasheet
744Kb / 30P
   IDT Interprise Integrated Communications Processor
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Teledyne Technologies I...
T1042 TELEDYNE-T1042 Datasheet
1Mb / 174P
   QorIQ Integrated Multicore Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com