Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1256L-25SMBLF Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C1256L-25SMBLF
Description  HIGH SPEED 32K x 8 STATIC CMOS RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1256L-25SMBLF Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C1256L-25SMBLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1256L-25SMBLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1256L-25SMBLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1256L-25SMBLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1256L-25SMBLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1256L-25SMBLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1256L-25SMBLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1256L-25SMBLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1256L-25SMBLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
P4C1256
Page 3 of 17
Document # SRAM119 REV G
*V
CC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE = VIL, OE = VIH.
I
CC
Symbol
Parameter
Temperature
Range
Dynamic Operating Current*
Commercial
Industrial
Military
N/A
N/A
–15
N/A
–12
–20
–25
–35
–45
–55
–70
Unit
N/A
mA
mA
mA
POWER DISSIPATION CHARACTERISTICS VS. SPEED
N/A
N/A
N/A
N/A
170
160
170
155
165
170
150
145
160
155
150
150
150
155
160
165
DATA RETENTION CHARACTERISTICS (P4C1256L Military Temperature Only)
Symbol
V
DR
I
CCDR
t
CDR
t
R
Parameter
V
CC for Data Retention
Data Retention Current
Chip Deselect to
Data Retention Time
Operation Recovery Time
Test Conditons
CE
≥ V
CC –0.2V,
V
IN ≥ VCC –0.2V
or V
IN ≤ 0.2V
Min
2.0
0
t
RC
§
Typ.*
V
CC =
2.0V
3.0V
Max
V
CC =
2.0V
3.0V
Unit
10
15
100
200
V
µA
ns
ns
*T
A = +25°C
§t
RC = Read Cycle Time
This parameter is guaranteed but not tested.
DATA RETENTION WAVEFORM


Similar Part No. - P4C1256L-25SMBLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1256L-55PC ETC-P4C1256L-55PC Datasheet
84Kb / 8P
   LOW POWER 32K x 8 STATIC CMOS RAM
P4C1256L-55PI ETC-P4C1256L-55PI Datasheet
84Kb / 8P
   LOW POWER 32K x 8 STATIC CMOS RAM
P4C1256L-55SC ETC-P4C1256L-55SC Datasheet
84Kb / 8P
   LOW POWER 32K x 8 STATIC CMOS RAM
P4C1256L-55SI ETC-P4C1256L-55SI Datasheet
84Kb / 8P
   LOW POWER 32K x 8 STATIC CMOS RAM
P4C1256L-70PC ETC-P4C1256L-70PC Datasheet
84Kb / 8P
   LOW POWER 32K x 8 STATIC CMOS RAM
More results

Similar Description - P4C1256L-25SMBLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com