Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71342LA35PF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71342LA35PF
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71342LA35PF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT71342LA35PF Datasheet HTML 3Page - Integrated Device Technology IDT71342LA35PF Datasheet HTML 4Page - Integrated Device Technology IDT71342LA35PF Datasheet HTML 5Page - Integrated Device Technology IDT71342LA35PF Datasheet HTML 6Page - Integrated Device Technology IDT71342LA35PF Datasheet HTML 7Page - Integrated Device Technology IDT71342LA35PF Datasheet HTML 8Page - Integrated Device Technology IDT71342LA35PF Datasheet HTML 9Page - Integrated Device Technology IDT71342LA35PF Datasheet HTML 10Page - Integrated Device Technology IDT71342LA35PF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
6.42
IDT71342SA/LA
High-Speed 4K x 8 Dual-Port Static RAM with Semaphore
Industrial and Commercial Temperature Ranges
7
Timing Waveform of Read Cycle No. 1, Either Side(1,2,4)
NOTES:
1. Write cycle parameters should be adhered to, in order to ensure proper writing.
2.
CEL = CER = VIL. CE"B" = VIL.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
Timing Waveform of Read Cycle No. 2, Either Side(1,3)
Timing Waveform of Write with Port-to-Port Read(2,3)
NOTES:
1. Timing depends on which signal is asserted last,
OE or CE.
2. Timing depends on which signal is de-asserted first,
OE or CE.
3. R/
W = VIH and OE = VIL, unless otherwise noted.
4. Start of valid data depends on which timing becomes effective last; tAOE, tACE, or tAA
5. To access SRAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. tAA is for SRAM Address Access and tSAA is for Semaphore Address Access.
tAA or tSAA
ADDRESS
DATAOUT
PREVIOUS DATA VALID
DATA VALID
tOH
tOH
tRC
2721 drw 07
2721 drw 08
CE or SEM
DATAOUT
VALID DATA
tPD
tAOE
tACE
OE
tHZ
tLZ
tLZ
tPU
50%
50%
ICC
ISB
CURRENT
tHZ
tSOP
(5)
tSOP
(1)
(1)
(4)
(2)
(2)
(4)
2721 drw 09
R/
W "A"
VALID
tWC
MATCH
VALID
MATCH
tWP
tDW
tWDD
tDDD
ADDR "A"
DATAIN "A"
DATAOUT "B"
ADDR "B"
(1)
tDH


Similar Part No. - IDT71342LA35PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71342LA35PF IDT-IDT71342LA35PF Datasheet
144Kb / 13P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
More results

Similar Description - IDT71342LA35PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
logo
Renesas Technology Corp
71342SA RENESAS-71342SA Datasheet
389Kb / 16P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com