Electronic Components Datasheet Search |
|
IDT72403L10PB Datasheet(PDF) 6 Page - Integrated Device Technology |
|
IDT72403L10PB Datasheet(HTML) 6 Page - Integrated Device Technology |
6 / 9 page MILITARY AND COMMERCIAL TEMPERATURE RANGES IDT72401/72403 CMOS PARALLEL FIFO 64 x 4, 64 x 5 6 Figure 6. The Mechanism of Shifting Data Out of the FIFO NOTES: 1. OR HIGH indicates that data is available and a SO pulse may be applied. 2. SO goes HIGH causing the next step. 3. OR goes LOW. 4. The read pointer is incremented. 5. OR goes HIGH indicating that new data (B) is now available at the FIFO outputs. 6. If the FIFO has only one word loaded (A DATA) then OR stays LOW and the A DATA remains unchanged at the outputs. 7. SO pulses applied when OR is LOW will be ignored. Figure 5. Output TIming STABLE DATA SO SI IR INPUT DATA (2) (3) (1) tIPH tPT (4) (5) 2747 drw 08 tHIR tSIR NOTES: 1. FIFO is initially full. 2. SO pulse is applied. 3. SI is held HIGH. 4. As soon as IR becomes HIGH the Input Data is loaded into the FIFO. 5. The write pointer is incremented. SI should not go LOW until (tPT + tIPH). Figure 4. Data is Shifted In Whenever Shift In and Input Ready are Both HIGH SO OR OUTPUT DATA A- DATA (2) (3) (5) 2747 drw 10 (6) (4) (1) (7) A or B B- DATA SO OR OUTPUT DATA tORL 2747 drw 09 1/fOUT 1/fOUT tSOH tSOL tODH tORH C-DATA B-DATA A-DATA tODS (2) (1) NOTES: 1. This data is loaded consecutively A, B, C. 2. Data is shifted out when SO makes a HIGH to LOW transition. |
Similar Part No. - IDT72403L10PB |
|
Similar Description - IDT72403L10PB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |