Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD05 Datasheet(PDF) 2 Page - Electronic devices inc.

Part # PD05
Description  SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PD05 Datasheet(HTML) 2 Page - Electronic devices inc.

  PD05 Datasheet HTML 1Page - Electronic devices inc. PD05 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
25
50
75
100
150
125
CURRENT DERATING
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
T = AMBIENT TEMPERATURE
O
( C)
1.0
2.0
3.0
4.0
5.0
CASE STYLE FOR PF
PF PD PE
CASE STYLE FOR PD
CASE STYLE
FOR PE
_
LEAD DIA.032+ .001
SILVER PLATED COPPER
.210
.140
.395
.320
1.17
1.23
1.28
1.33
POS LEAD.
.180
.220
.71
MAX.
. 5 8
M A X
0.5 minimum lead length
_
+
. 1 5 0
0 . 0 1 0 T Y P.
.032 DIA.LEADS
.250 MAX.
_
+
.150
.010 TYP .
1 . 0 M I N .
. 5 2
M A X .
.051 DIA.LEADS
_
.250 +.015
.69
MAX.
All dimensions in inches
PF
EDI
_
+
BRIDGE OUTPUT
RES.-IND. LOADS
PE SERIES
PD SERIES
PF SERIES
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*
A


Similar Part No. - PD05

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
PD0500U03-210 YANTEL-PD0500U03-210 Datasheet
512Kb / 5P
   Power Divider/Combiner 2-Way 0째 50廓 280-610 MHz
PD0500U03-M1 YANTEL-PD0500U03-M1 Datasheet
633Kb / 4P
   Power Divider/Combiner 2-Way 0째 50廓 280-610 MHz
logo
VBsemi Electronics Co.,...
PD050ATF VBSEMI-PD050ATF Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
AZ Displays
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050QX2 AZDISPLAYS-PD050QX2 Datasheet
1Mb / 39P
   TECHNICAL SPECIFICATION
More results

Similar Description - PD05

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PL05 EDI-PL05 Datasheet
37Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
PPR EDI-PPR Datasheet
53Kb / 2P
   FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 5.0 AMPERES HEAT SINK MOUNTING 2.0 AMPERES FOR P.C. BOARD MOUNTING
6PH EDI-6PH Datasheet
44Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
8PH EDI-8PH Datasheet
89Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 8 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
10PH EDI-10PH Datasheet
93Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 10 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
4PH05 EDI-4PH05 Datasheet
40Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 4 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
PER EDI-PER Datasheet
56Kb / 2P
   FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
PP05 EDI-PP05 Datasheet
87Kb / 2P
   SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING
6PHR EDI-6PHR Datasheet
43Kb / 2P
   FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING 200 NANOSECOND FAST RECOVERY
DY05 EDI-DY05 Datasheet
46Kb / 2P
   10 AMPERES - HIGH SURGE SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK-CHASSIS-P.C. BOARD MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com