Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PK05F Datasheet(PDF) 1 Page - Electronic devices inc.

Part # PK05F
Description  MINIBRIDGE 12 AMPERES-TAB TERMINALS SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PK05F Datasheet(HTML) 1 Page - Electronic devices inc.

  PK05F Datasheet HTML 1Page - Electronic devices inc. PK05F Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIBRIDGE
12 AMPERES-TAB TERMINALS
SINGLE-PHASE, FULL-WAVE BRIDGES
HEAT SINK AND CHASSIS MOUNTING
PK-F
EDI reserves the right to change these specifications at any time without notice.
Max.
F =1.0 V @ I F =
2.0
Amp
Max. DC Reverse Current @ PRV and 25
oC, IR
3
Max. DC Reverse Current @ PRV and 100
oC, IR
75
Max. Peak Surge Current, I FSM (8.3ms)
150
Amp
Storage Temperature Range, TSTG
-55 to+150
oC
Thermal Resistance (Total Bridge), R0 j-c
4.3 Typ.
O C/ W
-
A
A
PK-F SERIES
PRV/Leg
50V
100V
200V
400V
600V
800V
1000V
Type No.
PK05F
PK 10F
PK 20F
PK 40F
PK 60F
PK 80F
PK100F
Forward Voltage Drop, V
ELECTRICAL CHARACTERISTICS PER LEG
(at TA=25 C Unless Otherwise Specified))
Average Output Current, Io @ 60 C Tc (Fig.1)
o
12
Amp
o


Similar Part No. - PK05F

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PK05 EDI-PK05 Datasheet
50Kb / 2P
   MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
More results

Similar Description - PK05F

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PT-F EDI-PT-F Datasheet
45Kb / 2P
   MINIBRIDGE 8 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PKR-F EDI-PKR-F Datasheet
56Kb / 2P
   FAST RECOVERY MINIBRIDGE 10 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PK05 EDI-PK05 Datasheet
50Kb / 2P
   MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PWT05 EDI-PWT05 Datasheet
50Kb / 2P
   MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
DY05F EDI-DY05F Datasheet
50Kb / 2P
   12 AMPERES HIGH SURGE TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PKR EDI-PKR Datasheet
53Kb / 2P
   FAST RECOVERY MINIBRIDGE 8 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PBT05 EDI-PBT05 Datasheet
46Kb / 2P
   27.5 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PBT EDI-PBT Datasheet
47Kb / 2P
   THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
DY05 EDI-DY05 Datasheet
46Kb / 2P
   10 AMPERES - HIGH SURGE SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK-CHASSIS-P.C. BOARD MOUNTING
PBTR EDI-PBTR Datasheet
49Kb / 2P
   FAST RECOVERY MINIBRIDGE 200 NANOSECOND RECOVERY 17 AMPERE THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com