Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F5H2201 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # F5H2201
Description  NPN Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

F5H2201 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  F5H2201 Datasheet HTML 1Page - Sanyo Semicon Device F5H2201 Datasheet HTML 2Page - Sanyo Semicon Device F5H2201 Datasheet HTML 3Page - Sanyo Semicon Device F5H2201 Datasheet HTML 4Page - Sanyo Semicon Device F5H2201 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
F5H2201
No. A0403-4/5
IT11030
3
2
1.0
2
3
Ta= --25°C
25°C
75°C
7
5
IT11031
0.01
3
25
0.1
72
3
5
1.0
72
3
2
3
5
10
7
IC / IB=20
0.01
3
25
0.1
72
3
5
1.0
72
3
2
3
5
10
7
0.1
1.0
0.01
5
3
2
7
7
5
3
2
IC / IB=50
Ta=75
°C
25°
C
IT11033
0.1
23
5
7 1.0
23
5
7
23
5
7
10
IT11032
0.1
2
3
5
7
2
1.0
3
5
7
2
0.01
IT11034
IC=10A (DC)
IC=15A (PT=100ms)
ICP=20A
100ms
10ms
2.5
0.5
0
20
0
1.0
1.5
2.0
40
60
80
100
120
140
160
35
30
25
28
5
0
160
20
0
40
60
80
10
15
20
100
120
140
10
3
5
3
5
7
2
1unit
VCE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
PC -- Ta
7
Forward Bias A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
No
heat
sink
PC -- Tc
Case Temperature, Tc --
°C
Tc=25
°C
Single pulse
Total
Dissipation


Similar Part No. - F5H2201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results

Similar Description - F5H2201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2181 SANYO-2SA2181 Datasheet
41Kb / 4P
   PNP Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching
2SA2209 SANYO-2SA2209 Datasheet
60Kb / 4P
   PNP Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching
2SC6081 SANYO-2SC6081 Datasheet
47Kb / 4P
   NPN Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching
2SC6080 SANYO-2SC6080 Datasheet
45Kb / 4P
   NPN Epitaxial Planar Silicon Transistor 50V / 13A High-Speed Switching
2SA2180 SANYO-2SA2180 Datasheet
40Kb / 4P
   PNP Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching
TT3031NP SANYO-TT3031NP Datasheet
41Kb / 4P
   PNP Epitaxial Planar Silicon Transistor 50V / 3A High-Speed Switching
logo
KEC(Korea Electronics)
KTN2369U KEC-KTN2369U Datasheet
152Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
logo
Sanyo Semicon Device
2SA2179 SANYO-2SA2179 Datasheet
41Kb / 4P
   PNP Epitaxial Planar Silicon Transistor 50V / 13A High-Speed Switching Applications
logo
KEC(Korea Electronics)
KTH2369 KEC-KTH2369 Datasheet
309Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369S KEC-KTN2369S Datasheet
155Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com