Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72403L10SOB Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72403L10SOB
Description  CMOS PARALLEL FIFO 64 x 4 and 64 x 5
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72403L10SOB Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT72403L10SOB Datasheet HTML 1Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 2Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 3Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 4Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 5Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 6Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 7Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 8Page - Integrated Device Technology IDT72403L10SOB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MILITARY AND COMMERCIAL
TEMPERATURE RANGES
IDT72401/72403
CMOS PARALLEL FIFO 64 x 4, 64 x 5
8
NOTES:
1. When the memory is empty, the last word will remain on the outputs until the
MR is strobed or a new data word falls through to the output. However, OR will remain LOW,
indicating data at the output is not valid.
2. When the output data changes as a result of a pulse on SO, the OR signal always goes LOW before there is any change in output data and stays LOW until the new data
has appeared on the outputs. Anytime OR is HIGH, there is valid stable data on the outputs.
3. If SO is held HIGH while the memory is empty and a word is written into the input, that word will appear at the output after a fall-through time. OR will go HIGH for one
internal cycle (at least tORL) and then go back LOW again. The stored word will remain on the outputs. If more words are written into the FIFO, they will line up behind the
first word and will not appear on the outputs until SO has been brought LOW.
4. When the
MR is brought LOW, the outputs are cleared to LOW, IR goes HIGH and OR goes LOW. If SI is HIGH when the MR goes HIGH, the data on the inputs will be
written into the memory and IR will return to the LOW state until SI is brought LOW. If SI is LOW when the
MR is ended, IR will go HIGH, but the data in the inputs will not
enter the memory until SI goes HIGH.
5. FIFOs are expandable on depth and width. However, in forming wider words, two external gates are required to generate composite Input and OR flags. This is due to the
variation of delays of the FIFOs.
Figure 11. 192 x 12 Depth and Width Expansion
2747 drw 15
IR
SI
SO
OR
SI
IR
OR
SO
SI
IR
OR
SO
SI
IR
OR
SO
SHIFT OUT
COMPOSITE
OUTPUT
READY
MR
SHIFT IN
COMPOSITE
INPUT
READY
IR
SI
SO
OR
IR
SI
SO
OR
IR
SI
SO
OR
IR
SI
SO
OR
IR
SI
SO
OR
MR
Q0
Q1
Q2
Q3
D0
D1
D2
D3
MR
Q0
Q1
Q2
Q3
D0
D1
D2
D3
MR
Q0
Q1
Q2
Q3
D0
D1
D2
D3
MR
Q0
Q1
Q2
Q3
D0
D1
D2
D3
MR
Q0
Q1
Q2
Q3
D0
D1
D2
D3
MR
Q0
Q1
Q2
Q3
D0
D1
D2
D3
MR
Q0
Q1
Q2
Q3
D0
D1
D2
D3
MR
Q0
Q1
Q2
Q3
D0
D1
D2
D3
MR
Q0
Q1
Q2
Q3
D0
D1
D2
D3


Similar Part No. - IDT72403L10SOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72403L10SOB IDT-IDT72403L10SOB Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
More results

Similar Description - IDT72403L10SOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com