Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50B4LA060 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM50B4LA060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50B4LA060 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM50B4LA060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50B4LA060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50B4LA060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50B4LA060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50B4LA060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50B4LA060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM50B4LA060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM50B4LA060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50B4LA060
FLAT-BASE TYPE
INSULATED PACKAGE
Oct. 2005
VD = 15V
Detect Tj of IGBT chip
–20 ≤ Tj ≤ 125°C
VD = 15V, VFO = 15V
(Note-2)
VD = 15V
(Note-2)
Vth(ON)
Vth(OFF)
SC
toff(SC)
OT
OTr
UV
UVr
IFO(H)
IFO(L)
tFO
Trip level
Reset level
Trip level
Reset level
–20 ≤ Tj ≤ 125°C, VD = 15V
(Fig. 3,6)
VD = 15V
(Fig. 3,6)
3.5
3.5
Main terminal
screw : M5
Mounting part
screw : M5
Symbol
Parameter
Mounting torque
Mounting torque
Weight
Condition
Unit
N • m
N • m
g
Limits
Min.
Typ.
Max.
2.5
2.5
3.0
3.0
380
MECHANICAL RATINGS AND CHARACTERISTICS
VD = 15V, VCIN = 15V
Applied between : UP-VUPC, VP-VVPC
UN • VN-VNC
ID
°C
V
mA
ms
20
10
1.8
2.3
12.5
0.01
15
mA
Circuit Current
Input ON Threshold Voltage
Input OFF Threshold Voltage
Short Circuit Trip Level
Short Circuit Current Delay
Time
Over Temperature Protection
Supply Circuit Under-Voltage
Protection
Fault Output Current
Minimum Fault Output Pulse
Width
CONTROL PART
1.2
1.7
100
135
11.5
1.0
Parameter
Symbol
Condition
Max.
Min.
Typ.
Unit
Limits
10
5
1.5
2.0
0.2
145
125
12.0
12.5
10
1.8
(Note-2) Fault output is given only when the internal SC, OT & UV protections schemes of either upper or lower arm device operate to
protect it.
V
µs
VN1-VNC
V*P1-V*PC
A
RECOMMENDED CONDITIONS FOR USE
Recommended value
Unit
Condition
Symbol
Parameter
V
Applied across P-N terminals
Applied between : VUP1-VUPC, VVP1-VVPC
VN1-VNC
(Note-3)
Applied between : UP-VUPC, VP-VVPC
UN • VN-VNC
Using Application Circuit of Fig. 8
For IPM’s each input signals
(Fig. 7)
Supply Voltage
Control Supply Voltage
Input ON Voltage
Input OFF Voltage
PWM Input Frequency
Arm Shoot-through
Blocking Time
≤ 450
15 ± 1.5
≤ 0.8
≥ 9.0
≤ 20
≥ 2.0
VCC
VCIN(ON)
VCIN(OFF)
fPWM
tdead
VD
V
kHz
µs
V
(Note-3) With ripple satisfying the following conditions : dv/dt swing ≤ ±5V/µs, Variation ≤ 2V peak to peak


Similar Part No. - PM50B4LA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B4LA060 MITSUBISHI-PM50B4LA060 Datasheet
150Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM50B4LA060 POWEREX-PM50B4LA060 Datasheet
345Kb / 6P
   Photo Voltaic IPM H-Bridge 50 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
PM50B4LA060 MITSUBISHI-PM50B4LA060_07 Datasheet
150Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50B4LA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com