Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72240 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72240
Description  CMOS SyncFIFO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72240 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72240 Datasheet HTML 1Page - Integrated Device Technology IDT72240 Datasheet HTML 2Page - Integrated Device Technology IDT72240 Datasheet HTML 3Page - Integrated Device Technology IDT72240 Datasheet HTML 4Page - Integrated Device Technology IDT72240 Datasheet HTML 5Page - Integrated Device Technology IDT72240 Datasheet HTML 6Page - Integrated Device Technology IDT72240 Datasheet HTML 7Page - Integrated Device Technology IDT72240 Datasheet HTML 8Page - Integrated Device Technology IDT72240 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
COMMERCIALTEMPERATURERANGE
IDT72420/72200/72210/72220/72230/72240 CMOS SYNCFIFO™
64 x 8, 256 x 8, 512 x 8, 1,024 x 8, 2,048 x 8, 4,096 x 8
FEBRUARY 10, 2006
ABSOLUTE MAXIMUM RATINGS(1)
RECOMMENDEDOPERATING
CONDITIONS
NOTE:
1.
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C)
NOTES:
1.
Measurements with 0.4
≤ VIN ≤ VCC.
2.
OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
3.
Tested with outputs open (IOUT = 0).
4.
RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
5.
Typical ICC1 = 1.7 + 0.7*fS + 0.02*CL*fS (in mA).
These equations are valid under the following conditions:
VCC = 5V, TA = 25°°°°°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
6. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
IDT72420
IDT72200
IDT72210
IDT72220
IDT72230
IDT72240
Commercial
tCLK = 10, 15, 25 ns
Symbol
Parameter
Min.
Typ.
Max.
ILI(1)
Input Leakage Current (any input)
–1
1
ILO(2)
Output Leakage Current
–10
10
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
ICC1(3,4,5)
Active Power Supply Current
40
ICC2(3,6)
Standby Current
5
Symbol
Rating
Com'l & Ind'l
Unit
VTERM
Terminal Voltage with
–0.5 to +7.0
V
Respect to GND
TSTG
Storage Temperature
–55 to +125
°C
IOUT
DC Output Current
–50 to +50
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
Commercial
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
V
Commercial
VIL
Input Low Voltage
0.8
V
Commercial
TA
Operating Temperature
0
70
°C
Commercial


Similar Part No. - IDT72240

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72240 IDT-IDT72240 Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72240 IDT-IDT72240 Datasheet
258Kb / 11P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72240 RENESAS-IDT72240 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72240L12TC IDT-IDT72240L12TC Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
IDT72240L12TCB IDT-IDT72240L12TCB Datasheet
163Kb / 16P
   CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
More results

Similar Description - IDT72240

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com