Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSS248 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS248
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS248 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS248 Datasheet HTML 1Page - Sanyo Semicon Device FSS248 Datasheet HTML 2Page - Sanyo Semicon Device FSS248 Datasheet HTML 3Page - Sanyo Semicon Device FSS248 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSS248
No. A0679-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=20V, f=1MHz
1040
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
145
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
105
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
14
ns
Rise Time
tr
See specified Test Circuit.
90
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
85
ns
Fall Time
tf
See specified Test Circuit.
75
ns
Total Gate Charge
Qg
VDS=24V, VGS=10V, ID=7A
23
nC
Gate-to-Source Charge
Qgs
VDS=24V, VGS=10V, ID=7A
3.5
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=24V, VGS=10V, ID=7A
5
nC
Diode Forward Voltage
VSD
IS=7A, VGS=0V
0.81
1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7005-002
PW=10µs
D.C.≤1%
10V
0V
VIN
P.G
50Ω
G
S
ID=7A
RL=3.43Ω
VDD=24V
VOUT
VIN
D
FSS248
14
5
8
5.0
0.595
1.27
0.2
0.43
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : SOP8
ID -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
7
5
6
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
3.0V
0
10
12
6
8
4
2
0
1.6
2.4
1.2
0.4
0.8
2.0
2.8
3.2
3.6
4.0
VDS=10V
IT12079
IT12080
VGS=2.5V


Similar Part No. - FSS248

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSS24 ETC1-FSS24 Datasheet
48Kb / 3P
   2 Amp. Surface Mounted Schottky Barrier Rectifier
logo
Sanyo Semicon Device
FSS242 SANYO-FSS242 Datasheet
41Kb / 4P
   DC/DC Converter Applications
FSS244 SANYO-FSS244 Datasheet
28Kb / 4P
   DC / DC Converter Applications
FSS245 SANYO-FSS245 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - FSS248

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8002 SANYO-FTD8002 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8007 SANYO-FTD8007 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW261 SANYO-FW261_07 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4122LS SANYO-2SK4122LS Datasheet
51Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com