Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1381F-133BGI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1381F-133BGI
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381F-133BGI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1381F-133BGI Datasheet HTML 2Page - Cypress Semiconductor CY7C1381F-133BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C1381F-133BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1381F-133BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1381F-133BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1381F-133BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1381F-133BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1381F-133BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1381F-133BGI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CY7C1381D, CY7C1381F
CY7C1383D, CY7C1383F
Document #: 38-05544 Rev. *F
Page 6 of 29
Pin Definitions
Name
IO
Description
A0, A1, A
Input-
Synchronous
Address inputs used to select one of the address locations. Sampled at the rising edge
of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3 [2] are sampled active.
A[1:0] feed the 2-bit counter.
BWA, BWB
BWC, BWD
Input-
Synchronous
Byte write select inputs, active LOW. Qualified with BWE to conduct byte writes to the
SRAM. Sampled on the rising edge of CLK.
GW
Input-
Synchronous
Global write enable input, active LOW. When asserted LOW on the rising edge of CLK, a
global write is conducted (all bytes are written, regardless of the values on BW[A:D] and BWE).
CLK
Input-
Clock
Clock input. Used to capture all synchronous inputs to the device. Also used to increment
the burst counter when ADV is asserted LOW, during a burst operation.
CE1
Input-
Synchronous
Chip enable 1 input, active LOW. Sampled on the rising edge of CLK. Used in conjunction
with CE2 and CE3 [2] to select or deselect the device. ADSP is ignored if CE1 is HIGH. CE1
is sampled only when a new external address is loaded.
CE2
Input-
Synchronous
Chip enable 2 input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction
with CE1 and CE3 [2] to select or deselect the device. CE2 is sampled only when a new
external address is loaded.
CE3 [2]
Input-
Synchronous
Chip enable 3 input, active LOW. Sampled on the rising edge of CLK. Used in conjunction
with CE1 and CE2 to select or deselect the device. CE3 is sampled only when a new external
address is loaded.
OE
Input-
Asynchronous
Output enable, asynchronous input, active LOW. Controls the direction of the IO pins.
When LOW, the IO pins behave as outputs. When deasserted HIGH, IO pins are tri-stated,
and act as input data pins. OE is masked during the first clock of a read cycle when emerging
from a deselected state.
ADV
Input-
Synchronous
Advance input signal. Sampled on the rising edge of CLK. When asserted, it automatically
increments the address in a burst cycle.
ADSP
Input-
Synchronous
Address strobe from processor, sampled on the rising edge of CLK, active LOW.
When asserted LOW, addresses presented to the device are captured in the address
registers. A[1:0] are also loaded into the burst counter. When ADSP and ADSC are both
asserted, only ADSP is recognized. ASDP is ignored when CE1 is deasserted HIGH.
ADSC
Input-
Synchronous
Address strobe from controller, sampled on the rising edge of CLK, active LOW.
When asserted LOW, addresses presented to the device are captured in the address
registers. A[1:0] are also loaded into the burst counter. When ADSP and ADSC are both
asserted, only ADSP is recognized.
BWE
Input-
Synchronous
Byte write enable input, active LOW. Sampled on the rising edge of CLK. This signal
must be asserted LOW to conduct a byte write.
ZZ
Input-
Asynchronous
ZZ sleep input. This active HIGH input places the device in a non-time critical sleep
condition with data integrity preserved. For normal operation, this pin has to be LOW or left
floating. ZZ pin has an internal pull down.
DQs
IO-
Synchronous
Bidirectional data IO lines. As inputs, they feed into an on-chip data register that is
triggered by the rising edge of CLK. As outputs, they deliver the data contained in the
memory location specified by the addresses presented during the previous clock rise of the
read cycle. The direction of the pins is controlled by OE. When OE is asserted LOW, the
pins behave as outputs. When HIGH, DQs and DQPX are placed in a tri-state condition.The
outputs are automatically tri-stated during the data portion of a write sequence, during the
first clock when emerging from a deselected state, and when the device is deselected,
regardless of the state of OE.
DQPX
IO-
Synchronous
Bidirectional data parity IO lines. Functionally, these signals are identical to DQs. During
write sequences, DQPX is controlled by BWX correspondingly.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1381F-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381F-133BGC CYPRESS-CY7C1381F-133BGC Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
More results

Similar Description - CY7C1381F-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com