Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTD1028 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FTD1028
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD1028 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FTD1028 Datasheet HTML 1Page - Sanyo Semicon Device FTD1028 Datasheet HTML 2Page - Sanyo Semicon Device FTD1028 Datasheet HTML 3Page - Sanyo Semicon Device FTD1028 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FTD1028
No.8741-1/4
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
SANYO Semiconductors
DATA SHEET
92706PE MS IM TC-00000216
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
FTD1028
Features
Low ON-resistance.
2.5V drive.
Mounting height 1.1mm.
Composite type, facilitating high-density mounting.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--20
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--3
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--15
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (1000mm2!0.8mm) 1unit
0.8
W
Total Power Dissipation
PT
Mounted on a ceramic board (1000mm2!0.8mm)
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--20V, VGS=0V
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--0.4
--1.4
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--2A
3.8
6.3
S
RDS(on)1
ID=--2A, VGS=--4V
55
77
m
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--1A, VGS=--2.5V
81
113
m
Input Capacitance
Ciss
VDS=--10V, f=1MHz
900
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
125
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
115
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
16
ns
Rise Time
tr
See specified Test Circuit.
54
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
107
ns
Fall Time
tf
See specified Test Circuit.
82
ns
Marking : D1028
Continued on next page.
Ordering number : EN8741
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications


Similar Part No. - FTD1028

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD1020 FS-FTD1020 Datasheet
108Kb / 1P
   TRANSISTOR (NPN)
logo
Sanyo Semicon Device
FTD1029 SANYO-FTD1029 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - FTD1028

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW168 SANYO-FW168 Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ663 SANYO-2SJ663 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ665 SANYO-2SJ665 Datasheet
41Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3341 SANYO-CPH3341 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8305 SANYO-ECH8305_07 Datasheet
40Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8611 SANYO-ECH8611 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
EMH2302 SANYO-EMH2302 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
FSS174 SANYO-FSS174 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ670 SANYO-2SJ670 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3325 SANYO-CPH3325 Datasheet
39Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3326 SANYO-CPH3326 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com