Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82V2054 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT82V2054
Description  QUAD E1 SHORT HAUL LINE INTERFACE UNIT
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2054 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT82V2054 Datasheet HTML 6Page - Integrated Device Technology IDT82V2054 Datasheet HTML 7Page - Integrated Device Technology IDT82V2054 Datasheet HTML 8Page - Integrated Device Technology IDT82V2054 Datasheet HTML 9Page - Integrated Device Technology IDT82V2054 Datasheet HTML 10Page - Integrated Device Technology IDT82V2054 Datasheet HTML 11Page - Integrated Device Technology IDT82V2054 Datasheet HTML 12Page - Integrated Device Technology IDT82V2054 Datasheet HTML 13Page - Integrated Device Technology IDT82V2054 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Pin Description
10
September 22, 2005
IDT82V2054
QUAD E1 SHORT HAUL LINE INTERFACE UNIT
TDO
O
High-Z
98
F13
TDO: JTAG Test Data Output
This pin output the serial data of the JTAG Test. The data on TDO is clocked out of the device on the fall-
ing edges of TCK. TDO is a high-Z output signal. It is active only when scanning of data is out. This pin
should be left float when unused.
TDI
I
Pull-up
99
F12
TDI: JTAG Test Data Input
This pin input the serial data of the JTAG Test. The data on TDI is clocked into the device on the rising
edges of TCK. This pin has an internal pull-up resistor and it can be left disconnected.
Power Supplies and Grounds
VDDIO
-
17
92
G1
G14
3.3 V I/O Power Supply
GNDIO
-
1
2
7
8
9
18
91
100
101
102
107
108
109
144
B1
B2
B3
B12
B13
B14
D1
D2
D3
D12
D13
D14
G4
G11
I/O GND
VDDT
-
44
53
56
65
116
125
128
137
A4, A11
B4, B11
C4, C11
D4, D11
L4, L11
M4, M11
N4, N11
P4, P11
3.3 V/5 V Power Supply for Transmitter Driver
All VDDT pins must be connected to 3.3 V or all VDDT must be connected to 5 V. It is not allowed to leave
any of the VDDT pins open (not-connected) even if the channel is not used.
GNDT
-
47
50
59
62
119
122
131
134
A6, A9
B6, B9
C6, C9
D6, D9
L6, L9
M6, M9
N6, N9
P6, P9
Analog GND for Transmitter Driver
VDDD
-
19
H1
3.3 V Digital Core Power Supply
VDDA
-
90
H14
3.3 V Analog Core Power Supply
GNDD
-
20
H4
Digital Core GND
GNDA
-
89
H11
Analog Core GND
Table-1 Pin Description (Continued)
Name
Type
Pin No.
Description
TQFP144 PBGA160


Similar Part No. - IDT82V2054

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
Integrated Device Techn...
IDT82V2051EPP IDT-IDT82V2051EPP Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2051EPPG IDT-IDT82V2051EPPG Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
More results

Similar Description - IDT82V2054

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2044 IDT-IDT82V2044 Datasheet
1Mb / 61P
   QUAD T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
   Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
logo
Integrated Device Techn...
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
IDT82V2044E RENESAS-IDT82V2044E Datasheet
1Mb / 74P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
August 2004
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com