Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTD1029 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FTD1029
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD1029 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FTD1029 Datasheet HTML 1Page - Sanyo Semicon Device FTD1029 Datasheet HTML 2Page - Sanyo Semicon Device FTD1029 Datasheet HTML 3Page - Sanyo Semicon Device FTD1029 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FTD1029
No. A0532-4/4
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state,
and are not guarantees of the performance, characteristics, and functions of the described products
as mounted in the customer's products or equipment. To verify symptoms and states that cannot be
evaluated in an independent device, the customer should always evaluate and test devices mounted
in the customer's products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic
or mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate
and reliable, but no guarantees are made or implied regarding its use or any infringements of
intellectual property rights or other rights of third parties.
PS
Note on usage : Since the FTD1029 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
This catalog provides information as of September, 2006. Specifications and information herein are subject
to change without notice.
0
0
20
40
0.2
0.4
0.6
0.8
1.0
1.2
60
80
100
120
140
160
IT11556
2
2
3
5
7
2
3
5
7
2
3
5
7
3
--10
--1.0
--0.1
--0.01
--0.1
--0.01
57
23
2
--1.0
57
32
5
3
2
IT11557
IDP= --15A
ID= --3A
100µ
s
100ms
DC
operation
(T
a=25
°C
)
1ms
10ms
PW
≤10µs
Operation in this
area is limited by RDS(on).
1unit
--10
57
3
0246
12
810
0
--4
--3
--2
--1
--5
--6
--8
--7
--9
--10
VGS -- Qg
IT08956
VDS= --10V
ID= --3.5A
Total Gate Charge, Qg -- nC
Total
Dissipation
1unit
A S O
Drain-to-Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
Ta=25
°C
Single pulse
Mounted on a ceramic board (1000mm2!0.8mm) 1unit
Mounted on a ceramic board (1000mm2!0.8mm)


Similar Part No. - FTD1029

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD1020 FS-FTD1020 Datasheet
108Kb / 1P
   TRANSISTOR (NPN)
logo
Sanyo Semicon Device
FTD1028 SANYO-FTD1028 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - FTD1029

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW168 SANYO-FW168 Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ663 SANYO-2SJ663 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ665 SANYO-2SJ665 Datasheet
41Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3341 SANYO-CPH3341 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8305 SANYO-ECH8305_07 Datasheet
40Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8611 SANYO-ECH8611 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
EMH2302 SANYO-EMH2302 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
FSS174 SANYO-FSS174 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ670 SANYO-2SJ670 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3325 SANYO-CPH3325 Datasheet
39Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3326 SANYO-CPH3326 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com