Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82V2054BB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT82V2054BB
Description  QUAD E1 SHORT HAUL LINE INTERFACE UNIT
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2054BB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT82V2054BB Datasheet HTML 2Page - Integrated Device Technology IDT82V2054BB Datasheet HTML 3Page - Integrated Device Technology IDT82V2054BB Datasheet HTML 4Page - Integrated Device Technology IDT82V2054BB Datasheet HTML 5Page - Integrated Device Technology IDT82V2054BB Datasheet HTML 6Page - Integrated Device Technology IDT82V2054BB Datasheet HTML 7Page - Integrated Device Technology IDT82V2054BB Datasheet HTML 8Page - Integrated Device Technology IDT82V2054BB Datasheet HTML 9Page - Integrated Device Technology IDT82V2054BB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Pin Description
6
September 22, 2005
IDT82V2054
QUAD E1 SHORT HAUL LINE INTERFACE UNIT
RCLK0
RCLK1
RCLK2
RCLK3
O
High-Z
39
32
78
71
P1
M1
M14
P14
RCLKn: Receive Clock for Channel 0~3
In clock recovery mode, this pin outputs the recovered clock from signal received on RTIPn/RRINGn. The
received data are clocked out of the device on the rising edges of RCLKn if pin CLKE is high, or on falling
edges of RCLKn if pin CLKE is low.
In data recovery mode, RCLKn is the output of an internal exclusive OR (XOR) which is connected with
RDPn and RDNn. The clock is recovered from the signal on RCLKn.
If Receiver n is powered down, the corresponding RCLKn is in high-Z.
MCLK
I
10
E1
MCLK: Master Clock
This is an independent, free running reference clock. A clock of 2.048 MHz is supplied to this pin as the
clock reference of the device for normal operation.
In receive path, when MCLK is high, the device slices the incoming bipolar line signal into RZ pulse (Data
Recovery mode). When MCLK is low, all the receivers are powered down, and the output pins RCLKn,
RDPn and RDNn are switched to high-Z.
In transmit path, the operation mode is decided by the combination of MCLK and TCLKn (see TCLKn pin
description for details).
NOTE: Wait state generation via RDY/ACK is not available if MCLK is not provided.
LOS0
LOS1
LOS2
LOS3
O
42
35
75
68
K4
K3
K12
K11
LOSn: Loss of Signal Output for Channel 0~3
A high level on this pin indicates the loss of signal when there is no transition over a specified period of
time or no enough ones density in the received signal. The transition will return to low automatically when
there is enough transitions over a specified period of time with a certain ones density in the received sig-
nal. The LOS assertion and desertion criteria are described in 2.3.4 Loss of Signal (LOS) Detection.
Hardware/Host Control Interface
MODE2
I
(Pulled to
VDDIO/2)
11
E2
MODE2: Control Mode Select 2
The signal on this pin determines which control mode is selected to control the device:
Hardware control pins include MODE[2:0], LP[3:0], CODE, CLKE, JAS and OE.
Serial host Interface pins include CS, SCLK, SDI, SDO and INT.
Parallel host Interface pins include CS, A[4:0], D[7:0], WR/DS, RD/R/W, ALE/AS, INT and RDY/ACK. The
device supports multiple parallel host interface as follows (refer to MODE1 and MODE0 pin descriptions
below for details):
MODE1
I
43
K2
MODE1: Control Mode Select 1
In parallel host mode, the parallel interface operates with separate address bus and data bus when this pin
is low, and operates with multiplexed address and data bus when this pin is high.
In serial host mode or hardware mode, this pin should be grounded.
Table-1 Pin Description (Continued)
Name
Type
Pin No.
Description
TQFP144 PBGA160
MODE2
Control Interface
Low
Hardware Mode
VDDIO/2
Serial Host Interface
High
Parallel Host Interface
MODE[2:0]
Host Interface
100
Non-multiplexed Motorola Interface
101
Non-multiplexed Intel Interface
110
Multiplexed Motorola Interface
111
Multiplexed Intel Interface


Similar Part No. - IDT82V2054BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
Integrated Device Techn...
IDT82V2051EPP IDT-IDT82V2051EPP Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2051EPPG IDT-IDT82V2051EPPG Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
More results

Similar Description - IDT82V2054BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2044 IDT-IDT82V2044 Datasheet
1Mb / 61P
   QUAD T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
   Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
logo
Integrated Device Techn...
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
IDT82V2044E RENESAS-IDT82V2044E Datasheet
1Mb / 74P
   QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
August 2004
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com