Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89TSF552BL Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 89TSF552BL
Description  Traffic Manager Co-processor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89TSF552BL Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 89TSF552BL Datasheet HTML 4Page - Integrated Device Technology 89TSF552BL Datasheet HTML 5Page - Integrated Device Technology 89TSF552BL Datasheet HTML 6Page - Integrated Device Technology 89TSF552BL Datasheet HTML 7Page - Integrated Device Technology 89TSF552BL Datasheet HTML 8Page - Integrated Device Technology 89TSF552BL Datasheet HTML 9Page - Integrated Device Technology 89TSF552BL Datasheet HTML 10Page - Integrated Device Technology 89TSF552BL Datasheet HTML 11Page - Integrated Device Technology 89TSF552BL Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8 of 30
March 3, 2005
IDT 89TTM553
Signal Name
I/O Type
Dir.
Freq.
Remarks
FLQS_DIN[14:0]
FLQS_DIN_PRTY
1.5V HSTL Class 1
I
175 MHz
Control serial interface to 89TTM552
(15 signal lines + 1 parity line)
FLQS_DOUT[19:0]
FLQS_DOUT_PRTY
1.5V HSTL Class 1
O
175 MHz
Control serial interface to 89TTM552
(20 signal lines + 1 parity line)
FLQS_CLKIN
1.5V HSTL Class 1
I
175 MHz
Clock input from 89TTM552
FLQS_CLKOUT
1.5V HSTL Class 1
O
175 MHz
Clock output to 89TTM552
FLQS_TIC_IN
1.5V HSTL Class 1
I
175 MHz
Cell time tic input from 89TTM552
FLQS_TIC_OUT
1.5V HSTL Class 1
O
175 MHz
Cell time tic out to 89TTM552
FLQS_VREF
0.75V
HSTL reference. Nominally VDDQ / 2, so connect to 0.75 V
Table 8 89TTM552/89TTM553 Interface
Signal Name
I/O Type
Dir.
Freq.
Remarks
ZBUS_AVALID_N
3.3V LVTTL,
12mA drive,
internal pullup
B
33 or
66 MHz
ZBus address valid flag (active low)
ZBUS_CLK
3.3V,
no internal pullup
I
33 or
66 MHz
ZBus clock input (up to 66 MHz)
ZBUS_AD[15:0]
3.3V LVTTL,
12mA drive,
internal pullup
B
33 or
66 MHz
ZBus 16-bit multiplexed address/data bus
ZBUS_DEVID[4:0]
3.3V,
internal pullup
I
33 or
66 MHz
Used for ZBus device identification
ZBUS_DVALID_N
3.3V LVTTL,
12mA drive,
internal pullup
B
33 or
66 MHz
ZBus data valid flag (active low)
ZBUS_GNT_N
3.3V,
internal pullup
I
33 or
66 MHz
ZBus grant (active low)
ZBUS_INT_N[2:0]
3.3V LVTTL,
12mA drive
O
33 or
66 MHz
ZBus device interrupt (active low)
ZBUS_PRTY
3.3V LVTTL,
12mA drive,
internal pullup
B
33 or
66 MHz
ZBus parity over address/data; one parity bit for 16 bits
ZBUS_DIR
3.3V LVTTL,
12mA drive
O
33 or
66 MHz
ZBus write/read flag
ZBUS_REQ_N
3.3V LVTTL,
12mA drive
O
33 or
66 MHz
ZBus master cycle request (active low)
Table 9 Processor Interface (ZBus)


Similar Part No. - 89TSF552BL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
   Switch Fabric Data Sheet
June 17, 2005
More results

Similar Description - 89TSF552BL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
   Traffic Manager Co-processor
March 3, 2005
logo
List of Unclassifed Man...
NP3700 ETC-NP3700 Datasheet
213Kb / 4P
   5-Gbps Network Processor with Integrated Traffic Manager
NP3705 ETC-NP3705 Datasheet
94Kb / 2P
   2.5-Gbps Network Processor with Integrated Traffic Manager
logo
Renesas Technology Corp
89TTM552 RENESAS-89TTM552 Datasheet
661Kb / 38P
   Traffic Manager Data Sheet
April 7, 2005
logo
PMC-Sierra, Inc
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
   ATM TRAFFIC MANAGER AND SWITCH
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
   ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
   ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
2Mb / 238P
   ATM/PACKET TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
52Kb / 2P
   Packet/ATM Traffic Manager and Switch
logo
NXP Semiconductors
HTRC12002B PHILIPS-HTRC12002B Datasheet
57Kb / 8P
   HITAG co-processor
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com