Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89TTM553BL Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 89TTM553BL
Description  Traffic Manager Co-processor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89TTM553BL Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 89TTM553BL Datasheet HTML 7Page - Integrated Device Technology 89TTM553BL Datasheet HTML 8Page - Integrated Device Technology 89TTM553BL Datasheet HTML 9Page - Integrated Device Technology 89TTM553BL Datasheet HTML 10Page - Integrated Device Technology 89TTM553BL Datasheet HTML 11Page - Integrated Device Technology 89TTM553BL Datasheet HTML 12Page - Integrated Device Technology 89TTM553BL Datasheet HTML 13Page - Integrated Device Technology 89TTM553BL Datasheet HTML 14Page - Integrated Device Technology 89TTM553BL Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11 of 30
March 3, 2005
IDT 89TTM553
DC Characteristics
DC Characteristics
DC Characteristics
DC Characteristics
Unless otherwise stated, the following parameters are provided given the conditions outlined in Table 13.
VDD33
3.3V LVTTL supply
3.135
3.3
3.465
V
±5%
VRFHSTL1
0.75V HSTL reference voltage
0.7125
0.75
0.7875
V
±5%
Power Dissipation
3.49
3.66
W
Max. values use the
maximum voltages and
current listed in this
table and typical values
use the typical voltages
and current.
1. This operating range applies to the following pins: BLL_VREF, BXT_LLT_VREF, FCT_VREF[1:0], FPT_VREF[1:0], GPT_VREF, HT_VREF[1:0], and FLQS_VREF.
Symbol
Parameter
Min
Typical Max
Units
VILHSTL (1.5v HSTL)
Input low voltage for 1.5V HSTL inputs (VREF
= 0.75V)
VREF – 0.1
V
VIHHSTL (1.5v HSTL)
Input high voltage for 1.5V HSTL inputs
(VREF = 0.75V, VDDQ = 1.5V)
VREF+ 0.1
VDDQ+0.3
V
VIL33 (3.3v LVTTL)
Input low voltage for 3.3V LVTTL inputs
0.8
V
VIH33 (3.3v LVTTL)
Input high voltage for 3.3V LVTTL inputs
2.0
V
VOLHSTL
Output low voltage for 1.5V HSTL outputs
0.4
V
1.5v HSTL classI
w/8mA Drive)
VOHHSTL
Output high voltage for 1.5V HSTL outputs
(VDDQ = 1.5V)
VDDQ-0.4
-
V
1.5v HSTL classI
w/ 8mA Drive)
VOL33
Output low voltage for 3.3V CMOS outputs
(12mA pads)
0.5
V
3.3v LVTTL w/
12mA Drive
VOH33
Output high voltage for 3.3V CMOS outputs
(12mA pads)
2.4
V
3.3v LVTTL w/
12mA Drive
IILHSTL (1.5v HSTL)
Input Leakage low current for 1.5V HSTL
Inputs
-10
10
uA
IIHHSTL (1.5v HSTL)
Input Leakage high current for 1.5V HSTL
Inputs
-10
10
uA
IIL33 (3.3v pads w/o Pull
Up/Down)
Input Leakage low current for 3.3V Inputs
-10
10
uA
IIH33 (3.3v pads w/o Pull
Up/Down)
Input Leakage high current for 3.3V Inputs
-10
10
uA
IIL33PU (3.3v pads w/
Pull Up)
Input Leakage low current for 3.3V with Pull-
Up Inputs
-200
-10
uA
Table 14 DC Parameters (Part 1 of 2)
Symbol
Parameter
Min
Typical
Max
Units
Conditions
Table 13 Operating Ranges (Part 2 of 2)


Similar Part No. - 89TTM553BL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89TTM553BL RENESAS-89TTM553BL Datasheet
547Kb / 31P
   Traffic Manager Co-processor
March 3, 2005
More results

Similar Description - 89TTM553BL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
   Traffic Manager Co-processor
March 3, 2005
logo
List of Unclassifed Man...
NP3700 ETC-NP3700 Datasheet
213Kb / 4P
   5-Gbps Network Processor with Integrated Traffic Manager
NP3705 ETC-NP3705 Datasheet
94Kb / 2P
   2.5-Gbps Network Processor with Integrated Traffic Manager
logo
Renesas Technology Corp
89TTM552 RENESAS-89TTM552 Datasheet
661Kb / 38P
   Traffic Manager Data Sheet
April 7, 2005
logo
PMC-Sierra, Inc
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
   ATM TRAFFIC MANAGER AND SWITCH
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
   ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
   ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
2Mb / 238P
   ATM/PACKET TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
52Kb / 2P
   Packet/ATM Traffic Manager and Switch
logo
NXP Semiconductors
HTRC12002B PHILIPS-HTRC12002B Datasheet
57Kb / 8P
   HITAG co-processor
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com