Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1381D-100BZXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1381D-100BZXC
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381D-100BZXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1381D-100BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1381D-100BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1381D-100BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1381D-100BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1381D-100BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1381D-100BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1381D-100BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1381D-100BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1381D-100BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D, CY7C1381F
CY7C1383D, CY7C1383F
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05544 Rev. *F
Revised Feburary 07, 2007
Features
• Supports 133 MHz bus operations
• 512K × 36 and 1M × 18 common IO
• 3.3V core power supply (VDD)
• 2.5V or 3.3V IO supply (VDDQ)
• Fast clock-to-output time
— 6.5 ns (133 MHz version)
• Provides high performance 2-1-1-1 access rate
• User selectable burst counter supporting Intel® Pentium®
interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• CY7C1381D/CY7C1383D available in JEDEC-standard
Pb-free 100-pin TQFP, Pb-free and non Pb-free 165-ball
FBGA package. CY7C1381F/CY7C1383F available in
Pb-free and non Pb-free 119-ball BGA package
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• ZZ sleep mode option
Functional Description [1]
The CY7C1381D/CY7C1383D/CY7C1381F/CY7C1383F is a
3.3V, 512K x 36 and 1M x 18 synchronous flow through
SRAMs,
designed
to
interface
with
high-speed
microprocessors with minimum glue logic. Maximum access
delay from clock rise is 6.5 ns (133 MHz version). A 2-bit
on-chip counter captures the first address in a burst and
increments the address automatically for the rest of the burst
access. All synchronous inputs are gated by registers
controlled by a positive edge triggered clock input (CLK). The
synchronous inputs include all addresses, all data inputs,
address pipelining chip enable (CE1), depth-expansion chip
enables (CE2 and CE3 [2]), burst control inputs (ADSC, ADSP,
and ADV), write enables (BWx, and BWE), and global write
(GW). Asynchronous inputs include the output enable (OE)
and the ZZ pin.
The
CY7C1381D/CY7C1383D/CY7C1381F/CY7C1383F
allows interleaved or linear burst sequences, selected by the
MODE input pin. A HIGH selects an interleaved burst
sequence, while a LOW selects a linear burst sequence. Burst
accesses can be initiated with the processor address strobe
(ADSP) or the cache controller address strobe (ADSC) inputs.
Address advancement is controlled by the address
advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when address strobe processor (ADSP) or address
strobe controller (ADSC) are active. Subsequent burst
addresses can be internally generated as controlled by the
advance pin (ADV).
The
CY7C1381D/CY7C1383D/CY7C1381F/CY7C1383F
operates from a +3.3V core power supply while all outputs
operate with a +2.5V or +3.3V supply. All inputs and outputs
are JEDEC-standard and JESD8-5-compatible.
Selection Guide
133 MHz
100 MHz
Unit
Maximum Access Time
6.5
8.5
ns
Maximum Operating Current
210
175
mA
Maximum CMOS Standby Current
70
70
mA
Notes:
1. For best practices or recommendations, please refer to the Cypress application note AN1064, SRAM System Design Guidelines on www.cypress.com.
2. CE3, CE2 are for TQFP and 165 FBGA packages only. 119 BGA is offered only in 1 chip enable.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1381D-100BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D-100BZXC CYPRESS-CY7C1381D-100BZXC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381D-100BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com