Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89TSF553B Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 89TSF553B
Description  Traffic Manager Co-processor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89TSF553B Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 89TSF553B Datasheet HTML 6Page - Integrated Device Technology 89TSF553B Datasheet HTML 7Page - Integrated Device Technology 89TSF553B Datasheet HTML 8Page - Integrated Device Technology 89TSF553B Datasheet HTML 9Page - Integrated Device Technology 89TSF553B Datasheet HTML 10Page - Integrated Device Technology 89TSF553B Datasheet HTML 11Page - Integrated Device Technology 89TSF553B Datasheet HTML 12Page - Integrated Device Technology 89TSF553B Datasheet HTML 13Page - Integrated Device Technology 89TSF553B Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10 of 30
March 3, 2005
IDT 89TTM553
88889TTM553 Electrical Specifications
9TTM553 Electrical Specifications
9TTM553 Electrical Specifications
9TTM553 Electrical Specifications
Some data are TBD and will be published as they become available. The specifications are subject to change without notice.
A
A
A
Absolute Maximum Ratings
bsolute Maximum Ratings
bsolute Maximum Ratings
bsolute Maximum Ratings
The absolute maximum ratings are the maximum conditions that the device can withstand without sustaining permanent damage. Exceeding any
of these conditions could result in permanent damage to the device. Normal operation should not be expected at these conditions. In addition, expo-
sure to absolute maximum rated conditions (or near absolute maximum rated conditions) for extended periods may affect device reliability.
Operation of the device is not guaranteed at the absolute maximum ratings, but rather at the operating conditions outlined in “DC Characteristics”
on page 11 and “AC Characteristics” on page 12.
Operating Ranges
Operating Ranges
Operating Ranges
Operating Ranges
VDD33
3.3V I/O power for LVTTL I/Os
N/C
N/A
Do not connect.
GND
I
N/A
Ground
Symbol
Parameter
Min
Max
Units
Conditions
TJMAX
Junction temperature under bias
105
°C
TSTORAGE Storage temperature
150
°C
Storage temperature range
–40
85
°C
Long term storage
TSOLDER
Soldering temperature
215
°C
TREWORK
Rework temperature
204
°C
Table 12 Absolute Maximum Ratings
Symbol
Parameter
Min
Typical
Max
Units
Conditions
TJ
Operating junction temperature range
0
85
°C
IV15
Input current for 1.5V power supply
800
mA
IV18
Input current for 1.8V power supply
1.16
A
IV33
Input current for 3.3V power supply
60
mA
VDD15
1.5V HSTL supply
1.425
1.5
1.575
V
±5%
VDD18
1.8V Core supply
1.71
1.8
1.89
V
±5%
Table 13 Operating Ranges (Part 1 of 2)
Signal Name
I/O Type
Dir.
Freq.
Remarks
Table 11 PLL I/O (Part 2 of 2)


Similar Part No. - 89TSF553B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
   Switch Fabric Data Sheet
June 17, 2005
More results

Similar Description - 89TSF553B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
   Traffic Manager Co-processor
March 3, 2005
logo
List of Unclassifed Man...
NP3700 ETC-NP3700 Datasheet
213Kb / 4P
   5-Gbps Network Processor with Integrated Traffic Manager
NP3705 ETC-NP3705 Datasheet
94Kb / 2P
   2.5-Gbps Network Processor with Integrated Traffic Manager
logo
Renesas Technology Corp
89TTM552 RENESAS-89TTM552 Datasheet
661Kb / 38P
   Traffic Manager Data Sheet
April 7, 2005
logo
PMC-Sierra, Inc
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
   ATM TRAFFIC MANAGER AND SWITCH
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
   ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
   ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
2Mb / 238P
   ATM/PACKET TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
52Kb / 2P
   Packet/ATM Traffic Manager and Switch
logo
NXP Semiconductors
HTRC12002B PHILIPS-HTRC12002B Datasheet
57Kb / 8P
   HITAG co-processor
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com