Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1382FV25-200BGXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1382FV25-200BGXI
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382FV25-200BGXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1382FV25-200BGXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1382FV25-200BGXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1382FV25-200BGXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1382FV25-200BGXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1382FV25-200BGXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1382FV25-200BGXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1382FV25-200BGXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1382FV25-200BGXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1382FV25-200BGXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
CY7C1380DV25, CY7C1380FV25
CY7C1382DV25, CY7C1382FV25
Document #: 38-05546 Rev. *E
Page 7 of 29
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock.
Maximum access delay from the clock rise (tCO) is 2.6 ns
(250-MHz device).
The
CY7C1380DV25/CY7C1382DV25/CY7C1380FV25/
CY7C1382FV25 supports secondary cache in systems using
either a linear or interleaved burst sequence. The interleaved
burst order supports Pentium® and i486
™ processors. The
linear burst sequence is suited for processors that use a linear
burst sequence. The burst order is user selectable, and is
determined by sampling the MODE input. Accesses can be
initiated with either the processor address strobe (ADSP) or
the controller address strobe (ADSC). Address advancement
through the burst sequence is controlled by the ADV input. A
two-bit on-chip wraparound burst counter captures the first
address in a burst sequence and automatically increments the
address for the rest of the burst access.
Byte write operations are qualified with the byte write enable
(BWE) and byte write select (BWX) inputs. A global write
enable (GW) overrides all byte write inputs and writes data to
all four bytes. All writes are simplified with on-chip
synchronous self timed write circuitry.
Three synchronous chip selects (CE1, CE2, CE3) and an
asynchronous output enable (OE) provide for easy bank
selection and output tri-state control. ADSP is ignored if CE1
is HIGH.
Single Read Accesses
This access is initiated when the following conditions are
satisfied at clock rise: (1) ADSP or ADSC is asserted LOW, (2)
CE1, CE2, CE3 are all asserted active, and (3) the write signals
(GW, BWE) are all deasserted HIGH. ADSP is ignored if CE1
is HIGH. The address presented to the address inputs (A) is
stored into the address advancement logic and the address
register while being presented to the memory array. The
corresponding data is allowed to propagate to the input of the
output registers. At the rising edge of the next clock the data
is allowed to propagate through the output register and onto
the data bus within 2.6 ns (250-MHz device) if OE is active
LOW. The only exception occurs when the SRAM is emerging
from a deselected state to a selected state, its outputs are
always tri-stated during the first cycle of the access. After the
first cycle of the access, the outputs are controlled by the OE
signal. Consecutive single Read cycles are supported. Once
the SRAM is deselected at clock rise by the chip select and
either ADSP or ADSC signals, its output will tri-state
immediately.
Single Write Accesses Initiated by ADSP
This access is initiated when both of the following conditions
are satisfied at clock rise: (1) ADSP is asserted LOW, and
(2) CE1, CE2, CE3 are all asserted active. The address
presented to A is loaded into the address register and the
address advancement logic while being delivered to the
memory array. The write signals (GW, BWE, and BWX) and
ADV inputs are ignored during this first cycle.
VSSQ
IO Ground
Ground for the IO circuitry.
VDDQ
IO Power Supply Power supply for the IO circuitry.
MODE
Input-
Static
Selects burst order. When tied to GND selects linear burst sequence. When tied to
VDD or left floating selects interleaved burst sequence. This is a strap pin and must
remain static during device operation. Mode pin has an internal pull up.
TDO
JTAG serial output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If the
JTAG feature is not used, this pin must be disconnected. This pin is not available on
TQFP packages.
TDI
JTAG serial input
Synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not used, this pin can be disconnected or connected to VDD. This pin is not
available on TQFP packages.
TMS
JTAG serial input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not used, this pin can be disconnected or connected to VDD. This pin is not
available on TQFP packages.
TCK
JTAG-Clock
Clock input to the JTAG circuitry. If the JTAG feature is not used, this pin must be
connected to VSS. This pin is not available on TQFP packages.
NC
No Connects. Not internally connected to the die
NC/(36M,72M,
144M, 288M,
576M, 1G)
These pins are not connected. They will be used for expansion to the 36M, 72M,
144M, 288M, 576M and 1G densities.
Pin Definitions (continued)
Name
IO
Description
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1382FV25-200BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382F CYPRESS-CY7C1382F Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382F CYPRESS-CY7C1382F Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1382F-167BGC CYPRESS-CY7C1382F-167BGC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382F-167BGI CYPRESS-CY7C1382F-167BGI Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1382F-167BGXC CYPRESS-CY7C1382F-167BGXC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1382FV25-200BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com