Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7203L15SOG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7203L15SOG
Description  CMOS ASYNCHRONOUS FIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7203L15SOG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7203L15SOG Datasheet HTML 5Page - Integrated Device Technology IDT7203L15SOG Datasheet HTML 6Page - Integrated Device Technology IDT7203L15SOG Datasheet HTML 7Page - Integrated Device Technology IDT7203L15SOG Datasheet HTML 8Page - Integrated Device Technology IDT7203L15SOG Datasheet HTML 9Page - Integrated Device Technology IDT7203L15SOG Datasheet HTML 10Page - Integrated Device Technology IDT7203L15SOG Datasheet HTML 11Page - Integrated Device Technology IDT7203L15SOG Datasheet HTML 12Page - Integrated Device Technology IDT7203L15SOG Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9 and 65,536 x 9
APRIL 3, 2006
Figure 9. Half-Full Flag Timing
Figure 10. Expansion Out
Figure 11. Expansion In
OPERATING MODES:
Care must be taken to assure that the appropriate flag is monitored by
eachsystem(i.e.
FFismonitoredonthedevicewhereWisused;EFismonitored
onthedevicewhere
Risused).ForadditionalinformationontheIDT7203/7204/
7205/7206/7207, refer to Tech Note 8: Operating FIFOs on Full and Empty
Boundary Conditions and Tech Note 6: Designing with FIFOs.
Single Device Mode
A single IDT7203/7204/7205/7206/7207/7208 may be used when the
applicationrequirementsarefor2,048/4,096/8,192/16,384/32,768/65,536words
or less. These FIFOs are in a Single Device Configuration when the Expansion
In (
XI) control input is grounded (see Figure 12).
Depth Expansion
These FIFOs can easily be adapted to applications when the require-
ments are for greater than 2,048/4,096/8,192/16,384/32,768/65,536 words.
Figure 14 demonstrates Depth Expansion using three IDT7203/7204/7205/
7206/7207/7208s. Any depth can be attained by adding additional IDT7203/
7204/7205/7206/7207/7208s. ThesedevicesoperateintheDepthExpansion
mode when the following conditions are met:
1. ThefirstdevicemustbedesignatedbygroundingtheFirstLoad(
FL)control
input.
2. All other devices must have
FLin the HIGH state.
3. The Expansion Out (
XO)pinofeachdevicemustbetiedtotheExpansion
In (
XI) pin of the next device. See Figure 14.
4. External logic is needed to generate a composite Full Flag (
FF)andEmpty
Flag (
EF). This requires the ORing of all EFs and ORing of all FFs (i.e. all
must be set to generate the correct composite
FFor EF). See Figure 14.
5. The Retransmit (
RT) function and Half-Full Flag (HF) are not available in
the Depth Expansion Mode.
For additional information on the IDT7203/7204/7205/7206/7207, refer to
Tech Note 9: Cascading FIFOs or FIFO Modules.
W
R
HF
HALF-FULL OR LESS
MORE THAN HALF-FULL
HALF-FULL OR LESS
tRHF
tWHF
2661 drw11
W
R
XO
WRITE TO
LAST PHYSICAL
LOCATION
tXOL
tXOH
READ FROM
LAST PHYSICAL
LOCATION
2661 drw12
tXOH
tXOL
W
R
XI
WRITE TO
FIRST PHYSICAL
LOCATION
READ FROM
FIRST PHYSICAL
LOCATION
tXI
tXIR
2661 drw13
tXIS
tXIS


Similar Part No. - IDT7203L15SOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7203L15SO IDT-IDT7203L15SO Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT7203L15SOB IDT-IDT7203L15SOB Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
More results

Similar Description - IDT7203L15SOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com